Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2316IDGK Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2316IDGK
Description  10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2316IDGK Datasheet(HTML) 1 Page - Texas Instruments

  OPA2316IDGK Datasheet HTML 1Page - Texas Instruments OPA2316IDGK Datasheet HTML 2Page - Texas Instruments OPA2316IDGK Datasheet HTML 3Page - Texas Instruments OPA2316IDGK Datasheet HTML 4Page - Texas Instruments OPA2316IDGK Datasheet HTML 5Page - Texas Instruments OPA2316IDGK Datasheet HTML 6Page - Texas Instruments OPA2316IDGK Datasheet HTML 7Page - Texas Instruments OPA2316IDGK Datasheet HTML 8Page - Texas Instruments OPA2316IDGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
-45
0
45
90
135
180
225
270
±20
0
20
40
60
80
100
120
1
10
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
VS = “2.75 V
VS = “0.9 V
C006
Phase
Gain
V
S = “2.75 V
V
S = “0.9 V
R
G
R
F
R
1
C
1
V
IN
V
OUT
= 1 +
V
V
OUT
IN
R
R
F
G
1
1 + sR C
1
1
(
((
(
1
2pR C
1
1
f
=
-
3 dB
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA316, OPA2316, OPA2316S, OPA4316
SBOS703E – APRIL 2014 – REVISED JUNE 2016
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
1
1 Features
1
Unity-Gain Bandwidth: 10 MHz
Low IQ: 400 µA/ch
Wide Supply Range: 1.8 V to 5.5 V
Low Noise: 11 nV/
√Hz at 1 kHz
Low Input Bias Current: ±5 pA
Offset Voltage: ±0.5 mV
Unity-Gain Stable
Internal RFI-EMI Filter
Shutdown Version: OPA2316S
Extended Temperature Range: –40°C to +125°C
2 Applications
Battery-Powered Instruments:
Consumer, Industrial, Medical
Notebooks, Portable Media Players
Sensor Signal Conditioning
Automotive Applications
Barcode Scanners
Active Filters
Audio
3 Description
The OPA316 family of single, dual, and quad
operational amplifiers represents a new generation of
general-purpose, low-power operational amplifiers.
Featuring rail-to-rail input and output swings, low
quiescent current (400
μA/ch typical) combined with a
wide bandwidth of 10 MHz and very-low noise
(11 nV/
√Hz at 1 kHz) makes this family attractive for
a variety of applications that require a good balance
between cost and performance. The low input bias
current supports those operational amplifiers to be
used in applications with M
Ω source impedances.
The robust design of the OPA316 devices provide
ease-of-use to the circuit designer—a unity-gain
stable, integrated RFI-EMI rejection filter, no phase
reversal in overdrive condition, and high electrostatic
discharge (ESD) protection (4-kV HBM).
These
devices
are
optimized
for
low-voltage
operation as low as 1.8 V (±0.9 V) and up to 5.5 V
(±2.75 V). This latest addition of low-voltage CMOS
operational
amplifiers,
in
conjunction
with
the
OPAx313
and
OPAx314
provide
a
family
of
bandwidth, noise, and power options to meet the
needs of a wide variety of applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA316
SC-70 (5)
1.25 mm × 2.00 mm
SOT-23 (5)
1.60 mm × 2.90 mm
OPA2316
DFN (8)
3.00 mm × 3.00 mm
MSOP, VSSOP (8)
3.00 mm × 3.00 mm
SOIC (8)
3.91 mm × 4.90 mm
OPA2316S
MSOP, VSSOP (10)
3.00 mm × 3.00 mm
X2QFN (10)
1.50 mm × 2.00 mm
OPA4316
TSSOP (14)
4.40 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
SPACE
Single-Pole, Low-Pass Filter
Low Supply Current (400 µA/ch) for 10-MHz Bandwidth


Similar Part No. - OPA2316IDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI1-OPA2316 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
OPA2316-Q1 TI1-OPA2316-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
OPA2316QDGKQ1 TI1-OPA2316QDGKQ1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
OPA2316QDGKRQ1 TI1-OPA2316QDGKRQ1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
More results

Similar Description - OPA2316IDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA316 TI-OPA316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314_15 Datasheet
1Mb / 45P
[Old version datasheet]   OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA313 TI-OPA313 Datasheet
2Mb / 36P
[Old version datasheet]   1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
OPA4313 TI1-OPA4313 Datasheet
2Mb / 38P
[Old version datasheet]   1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com