Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2301AIDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2301AIDR
Description  OPERATIONAL AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2301AIDR Datasheet(HTML) 1 Page - Texas Instruments

  OPA2301AIDR Datasheet HTML 1Page - Texas Instruments OPA2301AIDR Datasheet HTML 2Page - Texas Instruments OPA2301AIDR Datasheet HTML 3Page - Texas Instruments OPA2301AIDR Datasheet HTML 4Page - Texas Instruments OPA2301AIDR Datasheet HTML 5Page - Texas Instruments OPA2301AIDR Datasheet HTML 6Page - Texas Instruments OPA2301AIDR Datasheet HTML 7Page - Texas Instruments OPA2301AIDR Datasheet HTML 8Page - Texas Instruments OPA2301AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
FEATURES
D High Bandwidth: 150MHz
D 16-Bit Settling in 150ns
D Low Noise: 3nV/√Hz
D Low Distortion: 0.003%
D Low Power: 9.5mA (typ) on 5.5V
D Shutdown to 5µA
D Unity-Gain Stable
D Excellent Output Swing:
(V+) − 100mV to (V−) + 100mV
D Single Supply: +2.7V to +5.5V
D Tiny Packages: MSOP and SOT23
APPLICATIONS
D 16-Bit ADC Input Drivers
D Low-Noise Preamplifiers
D IF/RF Amplifiers
D Active Filtering
DESCRIPTION
The
OPA300
and
OPA301
series
high-speed,
voltage-feedback, CMOS operational amplifiers are
designed
for
16-bit
resolution
systems.
The
OPA300/OPA301 series are unity-gain stable and
feature excellent settling and harmonic distortion
specifications. Low power applications benefit from low
quiescent current. The OPA300 and OPA2300 feature
a digital shutdown (Enable) function to provide
additional power savings during idle periods. Optimized
for single-supply operation, the OPA300/OPA301
series offer superior output swing and excellent
common-mode range.
The OPA300 and OPA301 series op amps have
150MHz of unity-gain bandwidth, low 3nV/
√Hz voltage
noise, and 0.1% settling within 30ns. Single-supply
operation from 2.7V (
±1.35V) to 5.5V (±2.75V) and an
available shutdown function that reduces supply
current to 5
µA are useful for portable low-power
applications. The OPA300 and OPA301 are available in
SO-8 and SOT-23 packages. The OPA2300 is available
in MSOP-10, and the OPA2301 is available in SO-8 and
MSOP-8. All versions are specified over the industrial
temperature range of −40
°C to +125°C.
Typical Application
ADS8401
10
V
IN
1.5nF
130pF
(mica)
OPA30x
1820
f
S =1.25MSPS
f=10kHz
5V
130pF
(mica)
1820
All trademarks are the property of their respective owners.
OPA300, OPA2300
OPA301, OPA2301
SBOS271D − MAY 2003 − REVISED JUNE 2007
Low-Noise, High-Speed, 16-Bit Accurate, CMOS
OPERATIONAL AMPLIFIER
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2003−2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - OPA2301AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2301AIDR TI-OPA2301AIDR Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
OPA2301AIDRG4 TI-OPA2301AIDRG4 Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2301AIDR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com