Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2316SIDGSR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2316SIDGSR
Description  10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2316SIDGSR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2316SIDGSR Datasheet HTML 5Page - Texas Instruments OPA2316SIDGSR Datasheet HTML 6Page - Texas Instruments OPA2316SIDGSR Datasheet HTML 7Page - Texas Instruments OPA2316SIDGSR Datasheet HTML 8Page - Texas Instruments OPA2316SIDGSR Datasheet HTML 9Page - Texas Instruments OPA2316SIDGSR Datasheet HTML 10Page - Texas Instruments OPA2316SIDGSR Datasheet HTML 11Page - Texas Instruments OPA2316SIDGSR Datasheet HTML 12Page - Texas Instruments OPA2316SIDGSR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
9
OPA316, OPA2316, OPA2316S, OPA4316
www.ti.com
SBOS703E – APRIL 2014 – REVISED JUNE 2016
Product Folder Links: OPA316 OPA2316 OPA2316S OPA4316
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VS (total supply voltage) = (V+) – (V–) = 1.8 V to 5.5 V.
At TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
Ensured by design and characterization; not production tested.
(3)
Enable time (tON) and disable time (tOFF) are defined as the time interval between the 50% point of the signal applied to the SHDN pin
and the point at which the output voltage reaches the 10% (disable) or 90% (enable) level.
(4)
Full shutdown refers to the dual OPA2316S having both channels A and B disabled (SHDN_A = SHDN_B = VS–). For partial shutdown,
only one SHDN pin is exercised; in partial mode, the internal biasing and oscillator remain operational and the enable time is shorter.
OUTPUT
VO
Voltage output swing from supply
rails
VS = 1.8 V, RL = 10 kΩ, TA= –40°C to 125°C
15
mV
VS = 5.5 V, RL = 10 kΩ, TA= –40°C to 125°C
30
mV
VS = 1.8 V, RL = 2 kΩ, TA= –40°C to 125°C
60
mV
VS = 5.5 V, RL = 2 kΩ, TA= –40°C to 125°C
120
mV
ISC
Short-circuit current
VS = 5 V
±50
mA
ZO
Open-loop output impedance
VS = 5 V, f = 10 MHz
250
Ω
POWER SUPPLY
VS
Specified voltage
1.8
5.5
V
IQ
Quiescent current per amplifier
VS = 5 V, IO = 0 mA, TA= –40°C to +125°C
400
500
µA
Power-on time
VS = 0 V to 5.5 V
200
µs
SHUTDOWN (VS = 1.8 V to 5.5 V)
(2)
IQSD
Quiescent current, per device
All amplifiers disabled, SHDN = VS–
0.01
1
µA
One amplifier disabled (OPA2316S)
345
µA
VIH
High voltage (enabled)
Amplifier enabled
(V+) – 0.5
V
VIL
Low voltage (disabled)
Amplifier disabled
(V–) + 0.2
V
tON
Amplifier enable time(3)
Full shutdown, G = 1, VOUT = 0.9 × VS / 2
(4)
13
µs
Partial shutdown, G = 1, VOUT = 0.9 × VS / 2
(4)
10
µs
tOFF
Amplifier disable time(3)
G = 1, VOUT = 0.1 × VS / 2
5
µs
SHDN pin input bias current (per
pin)
VIH = 5 V
3.5
pA
VIL = 0 V
2.5
pA
TEMPERATURE
Specified temperature
–40
125
°C
TA
Operating temperature
–55
150
°C
Tstg
Storage temperature
–65
150
°C


Similar Part No. - OPA2316SIDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI1-OPA2316 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
OPA2316-Q1 TI1-OPA2316-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
OPA2316QDGKQ1 TI1-OPA2316QDGKQ1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
OPA2316QDGKRQ1 TI1-OPA2316QDGKRQ1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
More results

Similar Description - OPA2316SIDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA316 TI-OPA316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314_15 Datasheet
1Mb / 45P
[Old version datasheet]   OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA313 TI-OPA313 Datasheet
2Mb / 36P
[Old version datasheet]   1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
OPA4313 TI1-OPA4313 Datasheet
2Mb / 38P
[Old version datasheet]   1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com