Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2541AM-BI Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA2541AM-BI
Description  Dual High Power OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2541AM-BI Datasheet(HTML) 2 Page - Texas Instruments

  OPA2541AM-BI Datasheet HTML 1Page - Texas Instruments OPA2541AM-BI Datasheet HTML 2Page - Texas Instruments OPA2541AM-BI Datasheet HTML 3Page - Texas Instruments OPA2541AM-BI Datasheet HTML 4Page - Texas Instruments OPA2541AM-BI Datasheet HTML 5Page - Texas Instruments OPA2541AM-BI Datasheet HTML 6Page - Texas Instruments OPA2541AM-BI Datasheet HTML 7Page - Texas Instruments OPA2541AM-BI Datasheet HTML 8Page - Texas Instruments OPA2541AM-BI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
®
OPA2541
2
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
SPECIFICATIONS
ELECTRICAL
At TC = +25°C and VS = ±35VDC, unless otherwise noted.
OPA2541AM
OPA2541BM, SM
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT OFFSET VOLTAGE
VOS
±2
±10
±0.25
±1mV
vs Temperature
Specified Temperature Range
±20
±40
±15
±30
µV/°C
vs Supply Voltage
VS = ±10V to ±VMAX
±2.5
±10
*
*
µV/V
vs Power
±20
±60
*
*
µV/W
INPUT BIAS CURRENT
IB
15
50
*
*
pA
Specified Temperature Range
Note 1
*
INPUT OFFSET CURRENT
IOS
±5
±30
*
*
pA
Specified Temperature Range
Note 1
*
INPUT CHARACTERISTICS
Common-Mode Voltage Range
Specified Temperature Range
±(|V
S| –6)
±(|V
S| –3)
*
*
V
Common-Mode Rejection
VCM = (|±VS| –6V)
95
106
*
*
dB
Input Capacitance
5*
pF
Input Impedance, DC
1*
1012
GAIN CHARACTERISTICS
Open Loop Gain at 10Hz
RL = 6Ω
90
96
*
*
dB
Gain-Bandwidth Product
1.6
*
MHz
OUTPUT
Voltage Swing
IO = 5A
±(|V
S| –5.5)
±(|V
S| –4.5)
*
*
V
IO = 2A
±(|V
S| –4.5)
±(|V
S| –3.6)
*
*
V
IO = 0.5A
±(|V
S| –4)
±(|V
S| –3.2)
*
*
V
Current, Continuous
+25
°C
5
7.0
*
*
A
+85
°C
4
5.0
*
A
+125
°C (SM grade only)
3
3.5
A
AC PERFORMANCE
Slew Rate
68
*
*
V/
µs
Power Bandwidth
RL = 8Ω, VO = 20Vrms
45
55
*
*
kHz
Settling Time to 0.1%
2V Step
2
*
µs
Capacitive Load
Specified Temperature Range, G = 1
3.3
*
nF
Specified Temperature Range, G >10
SOA
*
Phase Margin
Specified Temperature Range, RL = 8Ω
40
*
Degrees
Channel Separation
1kHz, RL = 6Ω
80
*
dB
POWER SUPPLY
Power Supply Voltage,
±V
S
Specified Temperature Range
±10
±30
±35
*
±35
±40
V
Current, Quiescent
Total—Both Amplifiers
40
50
*
*
mA
THERMAL RESISTANCE
θ
JC, (Junction-to-Case)
Both Amplifiers(2), AC Output f > 60Hz
0.8
1.0
*
*
°C/W
θ
JC
Both Amplifiers(2), DC Output
0.9
1.2
*
*
°C/W
θ
JC
One Amplifier, AC Output f > 60Hz
1.25
1.5
*
*
°C/W
θ
JC
One Amplifier, DC Output
1.4
1.9
*
*
°C/W
θ
JA, (Junction-to-Ambient)
No Heat Sink
30
*
°C/W
TEMPERATURE RANGE
Case
AM, BM
–25
+85
*
*
°C
SM
–55
+125
°C
*Specification same as OPA2541AM.
NOTES: (1) Input bias and offset current approximately doubles for every 10
°C increase in temperature. (2) Assumes equal dissipation in both amplifiers.


Similar Part No. - OPA2541AM-BI

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2541AM BURR-BROWN-OPA2541AM Datasheet
140Kb / 8P
   Dual High Power OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2541AM-BI

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK155 ANAREN-MSK155 Datasheet
349Kb / 6P
   HIGH POWER DUAL OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
OMA2541SK ETC-OMA2541SK Datasheet
58Kb / 4P
   DUAL HIGH POWER OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2541 BURR-BROWN-OPA2541 Datasheet
140Kb / 8P
   Dual High Power OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK155 MSK-MSK155 Datasheet
281Kb / 5P
   HIGH POWER DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2541SMQ TI-OPA2541SMQ Datasheet
199Kb / 12P
[Old version datasheet]   Dual High Power OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
L272 FAIRCHILD-L272 Datasheet
78Kb / 10P
   Dual Power Operational Amplifier
logo
ON Semiconductor
NCS5652 ONSEMI-NCS5652 Datasheet
317Kb / 13P
   Dual Power Operational Amplifier
June, 2015 ??Rev. 1
logo
Sanyo Semicon Device
LA6510_0611 SANYO-LA6510_0611 Datasheet
201Kb / 6P
   Dual Power Operational Amplifier
logo
Samsung semiconductor
KA9256 SAMSUNG-KA9256 Datasheet
80Kb / 2P
   DUAL POWER OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM272M STMICROELECTRONICS-LM272M Datasheet
111Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIER
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com