Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2544TG3 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2544TG3
Description  High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2544TG3 Datasheet(HTML) 5 Page - Texas Instruments

  OPA2544TG3 Datasheet HTML 1Page - Texas Instruments OPA2544TG3 Datasheet HTML 2Page - Texas Instruments OPA2544TG3 Datasheet HTML 3Page - Texas Instruments OPA2544TG3 Datasheet HTML 4Page - Texas Instruments OPA2544TG3 Datasheet HTML 5Page - Texas Instruments OPA2544TG3 Datasheet HTML 6Page - Texas Instruments OPA2544TG3 Datasheet HTML 7Page - Texas Instruments OPA2544TG3 Datasheet HTML 8Page - Texas Instruments OPA2544TG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
OPA2544
®
TYPICAL PERFORMANCE CURVES (CONT)
At TCASE = +25°C and VS = ±35V, unless otherwise noted.
100
1k
10k
100k
1M
Frequency (Hz)
COMMON-MODE REJECTION vs FREQUENCY
110
100
90
80
70
60
50
40
1
10
100
1k
10k
100k
1M
Frequency (Hz)
POWER SUPPLY REJECTION vs FREQUENCY
120
100
80
60
40
20
V+ Supply
V– Supply
–75
–50
–25
0
25
50
75
100
125
Temperature (°C)
GAIN-BANDWIDTH PRODUCT AND SLEW RATE
vs TEMPERATURE
2.5
2.0
1.5
1.0
0.5
9
8
7
6
SR–
SR+
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
10
1
0.1
0.01
0.001
20
100
1k
10k 20k
Frequency (Hz)
R
L = 15Ω
100mW
2W
30W
35
30
25
20
15
10
5
0
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Frequency (Hz)
20k
100k
200k
Clipping
Slew Rate
Limited
01
2
3
Output Current (A)
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
5
4
3
2
1
0
|(V–) –V
O|
(V+) – V
O


Similar Part No. - OPA2544TG3

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2544T BURR-BROWN-OPA2544T Datasheet
101Kb / 8P
   High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2544TG3

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2544 BURR-BROWN-OPA2544 Datasheet
101Kb / 8P
   High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK182 MSK-MSK182 Datasheet
480Kb / 8P
   DUAL HIGH VOLTAGE/ HIGH CURRENT OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
186HU ETC1-186HU Datasheet
382Kb / 6P
   DUAL HIGH VOLTAGE/VERY HIGH CURRENT OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK186 MSK-MSK186 Datasheet
621Kb / 6P
   DUAL HIGH VOLTAGE/ VERY HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Agamem Microelectronic ...
AA4556 AGAMEM-AA4556 Datasheet
99Kb / 4P
   DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4556A NJRC-NJM4556A Datasheet
239Kb / 5P
   DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
3308 UTC-3308_15 Datasheet
253Kb / 6P
   DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
3308 UTC-3308_09 Datasheet
250Kb / 6P
   DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA548FKTWT TI-OPA548FKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549 TI-OPA549_12 Datasheet
444Kb / 18P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com