Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA322AIDBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA322AIDBVR
Description  CMOS Operational Amplifier with Shutdown
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA322AIDBVR Datasheet(HTML) 4 Page - Texas Instruments

  OPA322AIDBVR Datasheet HTML 1Page - Texas Instruments OPA322AIDBVR Datasheet HTML 2Page - Texas Instruments OPA322AIDBVR Datasheet HTML 3Page - Texas Instruments OPA322AIDBVR Datasheet HTML 4Page - Texas Instruments OPA322AIDBVR Datasheet HTML 5Page - Texas Instruments OPA322AIDBVR Datasheet HTML 6Page - Texas Instruments OPA322AIDBVR Datasheet HTML 7Page - Texas Instruments OPA322AIDBVR Datasheet HTML 8Page - Texas Instruments OPA322AIDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
OPA322, OPA322S
OPA2322, OPA2322S
OPA4322, OPA4322S
SBOS538E – JANUARY 2011 – REVISED JUNE 2012
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +1.8 V to +5.5 V, or ±0.9 V to ±2.75 V (continued)
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 10 kΩ connected to VS/2, VCM = VS/2, VOUT = VS/2, and SHDN_x = VS+, unless otherwise noted.
OPA322, OPA322S, OPA2322,
OPA2322S, OPA4322, OPA4322S
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Voltage output swing from
VO
RL = 10 kΩ
10
20
mV
both rails
Over temperature
RL = 10 kΩ
30
mV
Short-circuit current
ISC
VS = 5.5 V
±65
mA
Capacitive load drive
CL
See Typical Characteristics
Open-loop output resistance
RO
IO = 0 mA, f = 1 MHz
90
Ω
POWER SUPPLY
Specified voltage range
VS
1.8
5.5
V
Quiescent current per amplifier
IQ
IO = 0 mA, VS = +5.5 V
OPA322, OPA322S
IO = 0 mA, VS = +5.5 V
1.6
1.9
mA
Over temperature
IO = 0 mA, VS = +5.5 V
2
mA
OPA2322, OPA2322S
IO = 0 mA, VS = +5.5 V
1.5
1.75
mA
Over temperature
IO = 0 mA, VS = +5.5 V
1.85
mA
OPA4322, OPA4322S
IO = 0 mA, VS = +5.5 V
1.4
1.65
mA
Over temperature
IO = 0 mA, VS = +5.5 V
1.75
mA
Power-on time
VS+ = 0 V to 5 V, to 90% IQ level
28
μs
SHUTDOWN(2)
VS = 1.8 V to 5.5 V
Quiescent current, per amplifier
IQSD
All amplifiers disabled, SHDN = VS–
0.1
0.5
µA
High voltage (enabled)
VIH
Amplifier enabled
(V+) - 0.1
V
Low voltage (disabled)
VIL
Amplifier disabled
(V-) + 0.1
V
Amplifier enable time (full
tON
Full shutdown; G = 1, VOUT = 0.9 × VS/2
(4)
10
µs
shutdown)(3)
Amplifier enable time (partial
tON
Partial shutdown; G = 1, VOUT = 0.9 × VS/2
(4)
6
µs
shutdown) (3)
Amplifier disable time(3)
tOFF
G = 1, VOUT = 0.1 × VS/2
3
µs
VIH = 5.0 V
0.13
µA
SHDN pin input bias current (per pin)
VIL = 0 V
0.04
µA
TEMPERATURE
Specified range
–40
+125
°C
Operating range
–40
+150
°C
(2)
Ensured by design and characterization; not production tested.
(3)
Disable time (tOFF) and enable time (tON) are defined as the time interval between the 50% point of the signal applied to the SHDN pin
and the point at which the output voltage reaches the 10% (disable) or 90% (enable) level.
(4)
Full shutdown refers to the dual OPA2322S having both channels A and B disabled (SHDN_A = SHDN_B = VS–) and the quad
OPA4322S having all channels A to D disabled (SHDN_A/B = SHDN_C/D = VS–). For partial shutdown, only one SHDN pin is exercised;
in this mode, the internal biasing and oscillator remain operational and the enable time is shorter.
4
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): OPA322 OPA322S OPA2322 OPA2322S OPA4322 OPA4322S


Similar Part No. - OPA322AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA322AIDBVR TI1-OPA322AIDBVR Datasheet
1Mb / 29P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA322AIDBVR TI1-OPA322AIDBVR Datasheet
1Mb / 34P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
More results

Similar Description - OPA322AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA322-Q1 TI1-OPA322-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Operational Amplifier With Shutdown
OPA355NA TI1-OPA355NA Datasheet
823Kb / 24P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355UA TI-OPA355UA Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355NA TI-OPA355NA Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI-OPA355 Datasheet
538Kb / 18P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI1-OPA355_15 Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355-Q1 TI-OPA355-Q1 Datasheet
383Kb / 18P
[Old version datasheet]   200-MHz CMOS Operational Amplifier With Shutdown
logo
SG Micro Corp
SGM8924A SGMICRO-SGM8924A Datasheet
293Kb / 8P
   Operational Amplifier with Shutdown
SGM8543 SGMICRO-SGM8543 Datasheet
383Kb / 12P
   Operational Amplifier with Shutdown
logo
Texas Instruments
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
[Old version datasheet]   Low Noise, CMOS Input Operational Amplifier with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com