Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA301AID Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA301AID
Description  OPERATIONAL AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA301AID Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA301AID Datasheet HTML 7Page - Texas Instruments OPA301AID Datasheet HTML 8Page - Texas Instruments OPA301AID Datasheet HTML 9Page - Texas Instruments OPA301AID Datasheet HTML 10Page - Texas Instruments OPA301AID Datasheet HTML 11Page - Texas Instruments OPA301AID Datasheet HTML 12Page - Texas Instruments OPA301AID Datasheet HTML 13Page - Texas Instruments OPA301AID Datasheet HTML 14Page - Texas Instruments OPA301AID Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
OPA300, OPA2300
OPA301, OPA2301
SBOS271D − MAY 2003 − REVISED JUNE 2007
www.ti.com
11
DRIVING CAPACITIVE LOADS
When using high-speed operational amplifiers, it is
extremely
important to consider the effects
of
capacitive loading on amplifier stability. Capacitive
loading will interact with the output impedance of the
operational amplifier, and depending on the capacitor
value, may significantly decrease the gain bandwidth,
as well as introduce peaking. To reduce the effects of
capacitive loading and allow for additional capacitive
load drive, place a series resistor between the output
and the load. This will reduce available bandwidth, but
permit stable operation with capacitive loading.
Figure 3 illustrates the recommended relationship
between the resistor and capacitor values.
Capacitive Load (pF)
1
10
100
100
75
50
25
0
Figure 3. Recommended RS and CL Combinations
Amplifiers configured in unity gain are most susceptible
to stability issues. The typical characteristic, Frequency
Response vs Capacitive Load, describes the relation-
ship between capacitive load and stability for the
OPA300/OPA301
series.
In
unity
gain,
the
OPA300/OPA301 series is capable of driving a few
picofarads of capacitive load without compromising
stability. Board level parasitic capacitance can often fall
into the range of a picofarad or more, and should be
minimized through good circuit-board layout practices
to
avoid
compromising
the
stability
of
the
OPA300/OPA301. For more information on detecting
parasitics during testing, see the Application Note
Measuring Board Parasitics in High-Speed Analog
Design (SBOA094), available at the TI web site
www.ti.com.
DRIVING A 16-BIT ADC
The
OPA300/OPA301
series
feature
excellent
THD+noise, even at frequencies greater than 1MHz,
with a 16-bit settling time of 150ns. Figure 4 shows a
total single supply solution for high-speed data
acquisition. The OPA300/OPA301 directly drives the
ADS8401, a 1.25 mega sample per second (MSPS)
16-bit
data
converter.
The
OPA300/OPA301
is
configured in an inverting gain of 1, with a 5V single
supply. Results of the OPA300/OPA301 performance
are summarized in Table 1.
ADS8401
10
V
IN
1.5nF
130pF
(mica)
OPA30x
1820
f
S =1.25MSPS
f=10kHz
5V
130pF
(mica)
1820
Figure 4. The OPA30x Drives the 16-Bit ADS8401
PARAMETER
RESULTS (f = 10kHz)
THD
−99.3dB
SFDR
101.2dB
THD+N
84.2dB
SNR
84.3dB
Table 1. OPA30x Performance Results Driving a
1.25MSPS ADS8401


Similar Part No. - OPA301AID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA301AID BURR-BROWN-OPA301AID Datasheet
302Kb / 15P
   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA301AID TI-OPA301AID Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA301AIDBVR BURR-BROWN-OPA301AIDBVR Datasheet
302Kb / 15P
   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA301AIDBVR TI-OPA301AIDBVR Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA301AIDBVT BURR-BROWN-OPA301AIDBVT Datasheet
302Kb / 15P
   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - OPA301AID

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com