Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA301AIDBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA301AIDBVT
Description  OPERATIONAL AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA301AIDBVT Datasheet(HTML) 2 Page - Texas Instruments

  OPA301AIDBVT Datasheet HTML 1Page - Texas Instruments OPA301AIDBVT Datasheet HTML 2Page - Texas Instruments OPA301AIDBVT Datasheet HTML 3Page - Texas Instruments OPA301AIDBVT Datasheet HTML 4Page - Texas Instruments OPA301AIDBVT Datasheet HTML 5Page - Texas Instruments OPA301AIDBVT Datasheet HTML 6Page - Texas Instruments OPA301AIDBVT Datasheet HTML 7Page - Texas Instruments OPA301AIDBVT Datasheet HTML 8Page - Texas Instruments OPA301AIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
OPA300, OPA2300
OPA301, OPA2301
SBOS271D − MAY 2003 − REVISED JUNE 2007
www.ti.com
2
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
OPA300
SO-8
D
300A
OPA300
SO-8
D
300A
OPA300
SOT23-6
DBV
A52
OPA300
SOT23-6
DBV
A52
OPA301
SO-8
D
301A
OPA301
SO-8
D
301A
OPA301
SOT23-5
DBV
AUP
OPA301
SOT23-5
DBV
AUP
OPA2300
MSOP−10
DGS
C01
OPA2301
SO−8
D
OPA2301A
OPA2301
MSOP−8
DGK
OAWM
(1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website
at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
Power Supply V+
7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal Input Terminals(2), Voltage
0.5V to (V+) + 0.5V
. . . . . . . . . . .
Current
±10mA
. . . . . . . . . . . . . . . . . . . . .
Open Short-Circuit Current(3)
Continuous
. . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
−55
°C to +125°C
. . . . . . . . . . . . . . .
Storage Temperature Range
−60
°C to +150°C
. . . . . . . . . . . . . . . . .
Junction Temperature
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD Ratings
Human Body Model (HBM)
4kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Charged-Device Model (CDM)
500V
. . . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
(2) Input terminals are diode clamped to the power-supply rails. Input
signals that can swing more than 0.5V beyond the supply rails
should be current limited to 10mA or less.
(3) Short-circuit to ground; one amplifier per package.
ELECTROSTATIC DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PIN ASSIGNMENTS
Top View
MSOP, SO, SOT
NOTE: (1) Not connected. (2) SOT23-6 pin 1 oriented as shown with reference to package marking.
1
2
3
4
8
7
6
5
Enable
V+
V
OUT
NC(1)
NC(1)
−In
+In
V
OPA300
SO−8
1
2
3
4
8
7
6
5
NC(1)
V+
V
OUT
NC(1)
NC(1)
−In
+In
V
OPA301
SO−8
1
2
3
5
4
V+
−In
Out
V
+In
OPA301
SOT23−5
1
2
3
6
5
4
V+
Enable
−In
Out
V
+In
OPA300
SOT23−6 (2)
1
2
3
4
8
7
6
5
V+
Out B
−In B
+In B
Out A
−In A
+In A
V
A
B
OPA2301
SO−8, MSOP−8
1
2
3
4
5
10
9
8
7
6
V+
Out B
−In B
+In B
Enable B
Out A
−In A
+In A
V
Enable A
A
B
OPA2300
MSOP−10


Similar Part No. - OPA301AIDBVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA301AIDBVT BURR-BROWN-OPA301AIDBVT Datasheet
302Kb / 15P
   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA301AIDBVT TI-OPA301AIDBVT Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - OPA301AIDBVT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com