Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2658U Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA2658U
Description  Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2658U Datasheet(HTML) 3 Page - Texas Instruments

  OPA2658U Datasheet HTML 1Page - Texas Instruments OPA2658U Datasheet HTML 2Page - Texas Instruments OPA2658U Datasheet HTML 3Page - Texas Instruments OPA2658U Datasheet HTML 4Page - Texas Instruments OPA2658U Datasheet HTML 5Page - Texas Instruments OPA2658U Datasheet HTML 6Page - Texas Instruments OPA2658U Datasheet HTML 7Page - Texas Instruments OPA2658U Datasheet HTML 8Page - Texas Instruments OPA2658U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
®
OPA2658
ABSOLUTE MAXIMUM RATINGS
Supply Voltage .................................................................................
±5.5V
Internal Power Dissipation .......................... See Thermal Characteristics
Differential Input Voltage ..................................................................
±1.2V
Input Voltage Range ............................................................................
±V
S
Storage Temperature Range: P, U, UB, E ................... –40
°C to +125°C
Lead Temperature (DIP, soldering, 10s) ..................................... +300
°C
(SO-8 and MSOP-8, soldering, 3s) ................ +260
°C
Junction Temperature (TJ ) ............................................................ +175°C
PIN CONFIGURATION
Top View
DIP/SO-8/MSOP-8
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE
DRAWING
TEMPERATURE
PACKAGE
ORDERING
PRODUCT
PACKAGE
NUMBER(1)
RANGE
MARKING(2)
NUMBER(3)
OPA2658P
8-Pin Plastic DIP
006
–40
°C to +85°C
OPA2658P
OPA2658P
OPA2658U
SO-8 Surface Mount
182
–40
°C to +85°C
OPA2658U
OPA2658U
OPA2658UB
SO-8 Surface Mount
182
–40
°C to +85°C
OPA2658UB
OPA2658UB
OPA2658E
8-Pin MSOP-8
337
–40
°C to +85°C
B58
OPA2658E-250
OPA2658E-2500
NOTE: (1) For detailed drawing and dimension table, see end of data sheet, or Appendix C of Burr-Brown IC Data Book. (2) The “B” grade will be marked with a
“B” by pin 8. (3) The MSOP-8 is available on 7" tape and reel with 250 parts, and on 14" tape and reel with 2500 parts. For example, ordering 250 pieces of
“OPA2658E-250” will get a single 250 piece tape and reel. Refer to Appendix B of Burr-Brown IC Data Book for detailed Tape and Reel Mechanical information.
PACKAGE/ORDERING INFORMATION
+V
S
Output
2
–Input
2
+Input
2
Output
1
–Input
1
+Input
1
–V
S
1
2
3
4
8
7
6
5


Similar Part No. - OPA2658U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2658U BURR-BROWN-OPA2658U Datasheet
230Kb / 13P
   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2658UB BURR-BROWN-OPA2658UB Datasheet
230Kb / 13P
   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2658U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2658 BURR-BROWN-OPA2658 Datasheet
230Kb / 13P
   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA694 BURR-BROWN-OPA694 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Texas Instruments
OPA2691 TI1-OPA2691 Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com