Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2374AIDR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2374AIDR
Description  CMOS Operational Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2374AIDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA2374AIDR Datasheet HTML 2Page - Texas Instruments OPA2374AIDR Datasheet HTML 3Page - Texas Instruments OPA2374AIDR Datasheet HTML 4Page - Texas Instruments OPA2374AIDR Datasheet HTML 5Page - Texas Instruments OPA2374AIDR Datasheet HTML 6Page - Texas Instruments OPA2374AIDR Datasheet HTML 7Page - Texas Instruments OPA2374AIDR Datasheet HTML 8Page - Texas Instruments OPA2374AIDR Datasheet HTML 9Page - Texas Instruments OPA2374AIDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
OPA373, OPA2373
OPA374
OPA2374, OPA4374
SBOS279E − SEPTEMBER 2003 − REVISED MAY 2008
www.ti.com
6
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
QUIESCENT CURRENT vs TEMPERATURE
800
700
600
500
400
300
Temperature (
_C)
−50
−25
0
255075
100
125
150
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
800
700
600
500
400
300
V
OUT = 1/2[(V+) − (V−)]
SHORT−CIRCUIT CURRENT vs TEMPERATURE
Temperature (
_C)
−50
−25
0
25
50
75
100
125
16
14
12
10
8
6
4
2
0
+I
SC
−I
SC
CONTINUOUS SHORT−CIRCUIT CURRENT vs
POWER−SUPPLY VOLTAGE
Power−Supply Voltage (V)
2.02.5
3.03.5
4.0
4.5
5.05.5
12
10
8
6
4
2
0
+I
SC
−I
SC
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (
_C)
−50
−25
0
255075
100
125
10k
1k
100
10
1
0.1
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Output Current (mA)
0
2
4
6
8
10
12141618
20
3
2
1
0
−1
−2
−3
−55_C
25
_C
150
_C


Similar Part No. - OPA2374AIDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2374AIDR BURR-BROWN-OPA2374AIDR Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
More results

Similar Description - OPA2374AIDR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8926 SGMICRO-SGM8926 Datasheet
317Kb / 10P
   CMOS Operational Amplifier
SGM8067 SGMICRO-SGM8067_15 Datasheet
298Kb / 7P
   CMOS Operational Amplifier
logo
Texas Instruments
LMH6601 TI1-LMH6601_16 Datasheet
2Mb / 40P
[Old version datasheet]   CMOS Operational Amplifier
logo
ELM Electronics
ELM852-SERIES ELM-ELM852-SERIES Datasheet
934Kb / 9P
   CMOS operational amplifier
logo
ELM Technology Corporat...
ELM842B ELM-TECH-ELM842B Datasheet
67Kb / 4P
   CMOS Operational amplifier
logo
Texas Instruments
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Quad Operational Amplifier
logo
ELM Electronics
ELM854-SERIES ELM-ELM854-SERIES Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
ELM854 ELM-ELM854 Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
logo
Texas Instruments
LMC6032 TI1-LMC6032 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS Dual Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
[Old version datasheet]   RRIO CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com