Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2691IDRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA2691IDRG4
Description  Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2691IDRG4 Datasheet(HTML) 1 Page - Texas Instruments

  OPA2691IDRG4 Datasheet HTML 1Page - Texas Instruments OPA2691IDRG4 Datasheet HTML 2Page - Texas Instruments OPA2691IDRG4 Datasheet HTML 3Page - Texas Instruments OPA2691IDRG4 Datasheet HTML 4Page - Texas Instruments OPA2691IDRG4 Datasheet HTML 5Page - Texas Instruments OPA2691IDRG4 Datasheet HTML 6Page - Texas Instruments OPA2691IDRG4 Datasheet HTML 7Page - Texas Instruments OPA2691IDRG4 Datasheet HTML 8Page - Texas Instruments OPA2691IDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
www.ti.com
Dual Wideband, Current-Feedback
OPERATIONAL AMPLIFIER With Disable
DESCRIPTION
The OPA2691 sets a new level of performance for broadband dual
current-feedback op amps. Operating on a very low 5.1mA/ch
supply current, the OPA2691 offers a slew rate and output power
normally associated with a much higher supply current. A new
output stage architecture delivers a high output current with minimal
voltage headroom and crossover distortion. This gives exceptional
single-supply operation. Using a single +5V supply, the OPA2691
can deliver a 1V to 4V output swing with over 150mA drive current
and 190MHz bandwidth. This combination of features makes the
OPA2691 an ideal RGB line driver or single-supply Analog-to-Digital
Converter (ADC) input driver.
FEATURES
q FLEXIBLE SUPPLY RANGE:
+5V to +12V Single Supply
±2.5V to ±6V Dual Supply
q WIDEBAND +5V OPERATION: 190MHz (G = +2)
q UNITY-GAIN STABLE: 280MHz (G = 1)
q HIGH OUTPUT CURRENT: 190mA
q OUTPUT VOLTAGE SWING:
±4.0V
q HIGH SLEW RATE: 2100V/
µs
q LOW SUPPLY CURRENT: 5.1mA/ch
q LOW DISABLED CURRENT: 150
µA/ch
APPLICATIONS
q xDSL LINE DRIVER / RECEIVER
q MATCHED I/Q CHANNEL AMPLIFIER
q BROADBAND VIDEO BUFFERS
q HIGH-SPEED IMAGING CHANNELS
q PORTABLE INSTRUMENTS
q DIFFERENTIAL ADC DRIVERS
q ACTIVE FILTERS
q WIDEBAND INVERTING SUMMING
The OPA2691’s low 5.1mA/ch supply current is precisely trimmed at
25
°C. This trim, along with low drift over temperature, ensures lower
maximum supply current than competing products. System power
may be further reduced by using the optional disable control pin
(SO-14 only). Leaving this disable pin open, or holding it HIGH,
gives normal operation. If pulled LOW, the OPA2691 supply current
drops to less than 150
µA/ch while the output goes into a high
impedance state. This feature may be used for power savings.
Single-Supply ADSL Upstream Driver
100
2k
2k
1
µF
12.4
100
2Vp-p
324
324
1/2
OPA2691
1/2
OPA2691
+12V
1:2
15Vp-p
12.4
+6.0V
OPA2691 RELATED PRODUCTS
SINGLES
DUALS
TRIPLES
Voltage-Feedback
OPA690
OPA2690
OPA3690
Current-Feedback
OPA691
OPA2681
OPA3691
Fixed Gain
OPA692
OPA3692
OPA
269
1
OPA2
691
OPA2691
SBOS224D – DECEMBER 2001 – REVISED JULY 2008
www.ti.com
Copyright © 2001-2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
18
17
16
15
14
13
12
Frequency (MHz)
0.1
1
10
100 200
SINGLE-SUPPLY ADSL UPSTREAM DRIVER
SMALL-SIGNAL FREQUENCY RESPONSE
All trademarks are the property of their respective owners.


Similar Part No. - OPA2691IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2691ID TI-OPA2691ID Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA2691IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
OPA681 TI1-OPA681 Datasheet
393Kb / 22P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2691ID TI-OPA2691ID Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA2658 BURR-BROWN-OPA2658 Datasheet
230Kb / 13P
   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA3681 TI1-OPA3681 Datasheet
401Kb / 22P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA685 TI1-OPA685 Datasheet
371Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA3691 TI1-OPA3691 Datasheet
1Mb / 32P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com