Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2095D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2095D
Description  POWER-DISTRIBUTION SWITCHES
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2095D Datasheet(HTML) 1 Page - Texas Instruments

  TPS2095D Datasheet HTML 1Page - Texas Instruments TPS2095D Datasheet HTML 2Page - Texas Instruments TPS2095D Datasheet HTML 3Page - Texas Instruments TPS2095D Datasheet HTML 4Page - Texas Instruments TPS2095D Datasheet HTML 5Page - Texas Instruments TPS2095D Datasheet HTML 6Page - Texas Instruments TPS2095D Datasheet HTML 7Page - Texas Instruments TPS2095D Datasheet HTML 8Page - Texas Instruments TPS2095D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
FEATURES
DESCRIPTION
TPS2090, TPS2091, TPS2092 DUAL
TPS2095, TPS2096, TPS2097 QUAD
SLVS245C – SEPTEMBER 2000 – REVISED OCTOBER 2007
www.ti.com
POWER-DISTRIBUTION SWITCHES
• 80-mΩ High-Side MOSFET Switch
• 250 mA Continuous Current per Channel
• Independent Thermal and Short-Circuit
Protection With Overcurrent Logic Output
• Operating Range: 2.7-V to 5.5-V
• CMOS- and TTL-Compatible Enable Inputs
• 2.5-ms Typical Rise Time
• Undervoltage Lockout
• 10 μA Maximum Standby Supply Current
• Bidirectional Switch
• Available in 8-Pin and 16-Pin SOIC Packages
• Ambient Temperature Range, 0°C to 85°C
• ESD Protection
The TPS2090, TPS2091, and TPS2092 dual and the
TPS2095,
TPS2096
and
TPS2097
quad
power-distribution
switches
are
intended
for
applications where heavy capacitive loads and short
circuits are likely to be encountered. The TPS209x
devices
incorporate
80-m
N-channel
MOSFET
high-side
power
switches
for
power-distribution
systems that require multiple power switches in a
single package. Each switch is controlled by an
independent logic enable input. Gate drive is provided
by an internal charge pump designed to control the
power-switch rise times and fall times to minimize
current surges during switching. The charge pump
requires
no
external
components
and
allows
operation from supplies as low as 2.7 V.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2095D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2095D TI-TPS2095D Datasheet
314Kb / 19P
[Old version datasheet]   QUAD POWER-DISTRIBUTION SWITCHES
TPS2095DR TI-TPS2095DR Datasheet
314Kb / 19P
[Old version datasheet]   QUAD POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2095D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com