Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA345UAG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA345UAG4
Description  LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA345UAG4 Datasheet(HTML) 4 Page - Texas Instruments

  OPA345UAG4 Datasheet HTML 1Page - Texas Instruments OPA345UAG4 Datasheet HTML 2Page - Texas Instruments OPA345UAG4 Datasheet HTML 3Page - Texas Instruments OPA345UAG4 Datasheet HTML 4Page - Texas Instruments OPA345UAG4 Datasheet HTML 5Page - Texas Instruments OPA345UAG4 Datasheet HTML 6Page - Texas Instruments OPA345UAG4 Datasheet HTML 7Page - Texas Instruments OPA345UAG4 Datasheet HTML 8Page - Texas Instruments OPA345UAG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
www.ti.com
OPA344, 2344, 4344
OPA345, 2345, 4345
4
SBOS107A
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
DESIGNATOR
RANGE
MARKING
NUMBER(2)
MEDIA
OPA344NA
SOT23-5
DBV
–40
°C to +85°C
B44
OPA344NA/250
Tape and Reel
""
"
"
"
OPA344NA /3K
Tape and Reel
OPA344UA
SO-8
D
–40
°C to +85°C
OPA344UA
OPA344UA
Rails
""
"
"
"
OPA344UA /2K5
Tape and Reel
OPA344PA
8-Pin Dip
P
–40
° C to +85°C
OPA344PA
OPA344PA
Rails
OPA2344EA
MSOP-8
DGK
–40
°C to +85°C
C44
OPA2344EA /250
Tape and Reel
""
"
"
"
OPA2344EA /2K5
Tape and Reel
OPA2344UA
SO-8
D
–40
°C to +85°C
OPA2344UA
OPA2344UA
Rails
""
"
"
"
OPA2344UA /2K5
Tape and Reel
OPA2344PA
8-Pin DIP
P
–40
°C to +85°C
OPA2344PA
OPA2344PA
Rails
OPA4344EA
TSSOP-14
PW
–40
°C to +85°C
OPA4344EA
OPA4344EA /250
Rails
""
"
"
"
OPA4344EA /2K5
Tape and Reel
OPA4344UA
SO-14
D
–40
°C to +85°C
OPA4344UA
OPA4344UA
Rails
""
"
"
"
OPA4344UA /2K5
Tape and Reel
OPA4344PA
14-Pin DIP
N
–40
°C to +85°C
OPA4344PA
OPA4344PA
Rails
OPA345NA
SOT23-5
DBV
–40
°C to +85°C
A45
OPA345NA/250
Tape and Reel
"
"
"
"
"
OPA345NA/3K
Tape and Reel
OPA345UA
SO-8
D
–40
°C to +85°C
OPA345UA
OPA345UA
Rails
"
"
"
"
"
OPA345UA/2K5
Tape and Reel
OPA2345EA
MSOP-8
DGK
–40
°C to +85°C
B45
OPA2345EA/250
Tape and Reel
""
"
"
"
OPA2345EA /2K5
Tape and Reel
OPA2345UA
SO-8
D
–40
°C to +85°C
OPA2345UA
OPA2345UA
Rails
""
"
"
"
OPA2345UA /2K5
Tape and Reel
OPA4345EA
TSSOP-14
PW
–40
°C to +85°C
OPA4345EA
OPA4345EA/250
Tape and Reel
""
"
"
"
OPA4345EA /2K5
Tape and Reel
OPA4345UA
SO-14
D
–40
°C to +85°C
OPA4345UA
OPA4345UA
Rails
""
"
"
"
OPA4345UA /2K5
Tape and Reel
NOTES: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site
at www.ti.com.
(2) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 2500
pieces of “OPA344UA/2K5” will get a single 2500-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION(1)
Supply Voltage, V+ to V- ................................................................... 7.5V
Signal Input Terminals, Voltage(2) ..................... (V–) –0.5V to (V+) +0.5V
Current(2) .................................................... 10mA
Output Short-Circuit(3) .............................................................. Continuous
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –65
°C to +150°C
Junction Temperature ...................................................................... 150
°C
Lead Temperature (soldering, 10s) ................................................. 300
°C
ESD Tolerance (Human Body Model) ............................................ 4000V
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only. Functional opera-
tion of the device at these conditions, or beyond the specified operating
conditions, is not implied. (2) Input terminals are diode-clamped to the power
supply rails. Input signals that can swing more than 0.5V beyond the supply
rails should be current-limited to 10mA or less. (3) Short-circuit to ground,
one amplifier per package.
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.


Similar Part No. - OPA345UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA345UAG4 TI-OPA345UAG4 Datasheet
1Mb / 28P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY,RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA345UAG4 NSC-OPA345UAG4 Datasheet
1Mb / 29P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results

Similar Description - OPA345UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA344UAG4 TI-OPA344UAG4 Datasheet
1Mb / 28P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY,RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP_15 Datasheet
550Kb / 19P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA344 NSC-OPA344 Datasheet
1Mb / 29P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Burr-Brown (TI)
OPA344 BURR-BROWN-OPA344 Datasheet
243Kb / 11P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com