Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2111APWG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2111APWG4
Description  AUTOSWITCHING POWER MUX
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2111APWG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2111APWG4 Datasheet HTML 2Page - Texas Instruments TPS2111APWG4 Datasheet HTML 3Page - Texas Instruments TPS2111APWG4 Datasheet HTML 4Page - Texas Instruments TPS2111APWG4 Datasheet HTML 5Page - Texas Instruments TPS2111APWG4 Datasheet HTML 6Page - Texas Instruments TPS2111APWG4 Datasheet HTML 7Page - Texas Instruments TPS2111APWG4 Datasheet HTML 8Page - Texas Instruments TPS2111APWG4 Datasheet HTML 9Page - Texas Instruments TPS2111APWG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
(c)
1.5V
1.85V
4.65V
5V
V
O(OUT)
t
PLH2
t
PHL2
Switch#1Enabled
Switch#1Enabled
Switch#2Enabled
(b)
3.3V
5V
4.8V
3.4V
V
O(OUT)
t
T
D D
O,
1
D D
O,
1
D D
O,
1
Switch#1Enabled
Switch#2Enabled
10%
90%
90%
10%
t
R
V
O(OUT)
t
PLH1
t
PHL1
t
F
0V
SwitchOff
SwitchOff
SwitchEnabled
(a)
TPS2110A
TPS2111A
SBVS043A – MARCH 2004 – REVISED MARCH 2010
www.ti.com
PARAMETER MEASUREMENT INFORMATION
TIMING WAVEFORMS
Figure 1. Propagation Delays and Transition Timing Waveforms
6
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS2110A TPS2111A


Similar Part No. - TPS2111APWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2111APWG4 TI-TPS2111APWG4 Datasheet
204Kb / 20P
[Old version datasheet]   AUTOSWITHING POWER MUX
More results

Similar Description - TPS2111APWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRBR TI1-TPS2115ADRBR Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com