Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2204A Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS2204A
Description  PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2204A Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2204A Datasheet HTML 7Page - Texas Instruments TPS2204A Datasheet HTML 8Page - Texas Instruments TPS2204A Datasheet HTML 9Page - Texas Instruments TPS2204A Datasheet HTML 10Page - Texas Instruments TPS2204A Datasheet HTML 11Page - Texas Instruments TPS2204A Datasheet HTML 12Page - Texas Instruments TPS2204A Datasheet HTML 13Page - Texas Instruments TPS2204A Datasheet HTML 14Page - Texas Instruments TPS2204A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
TPS2204A
TPS2206A
TPS2210A
SLVS449A − DECEMBER 2002 − REVISED MAY 2003
www.ti.com
11
Figure 9
0
0.5
1
1.5
2
2.5
3
−50
−20
10
40
70
100
TURNON PROPAGATION DELAY TIME, xVPP
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
xVPP = 12 V
IO = 0.05 A
CL = 10 µF
Figure 10
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
−50
−20
10
40
70
100
TURNOFF PROPAGATION DELAY TIME, xVPP
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
xVCC = 12 V
IO = 0.05 A
CL = 10 µF
Figure 11
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.1
1
10
100
1000
TURNON PROPAGATION DELAY TIME, xVCC
vs
LOAD CAPACITANCE
xVCC = 5 V
IO = 0.75 A
TJ = 25°C
CL − Load Capacitance − µF
Figure 12
2.25
2.3
2.35
2.4
2.45
2.5
2.55
0.1
1
10
100
1000
TURNOFF PROPAGATION DELAY TIME, xVCC
vs
LOAD CAPACITANCE
xVCC = 5 V
IO = 0.75 A
TJ = 25°C
CL − Load Capacitance − µF


Similar Part No. - TPS2204A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2204A TI1-TPS2204A Datasheet
1,001Kb / 37P
[Old version datasheet]   PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
TPS2204APWP TI1-TPS2204APWP Datasheet
1,001Kb / 37P
[Old version datasheet]   PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
TPS2204APWPG4 TI1-TPS2204APWPG4 Datasheet
1,001Kb / 37P
[Old version datasheet]   PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
More results

Similar Description - TPS2204A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2206ADAPR TI-TPS2206ADAPR Datasheet
1,001Kb / 37P
[Old version datasheet]   POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202AI TI-TPS2202AI Datasheet
358Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206IDB TI-TPS2206IDB Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202A TI1-TPS2202A Datasheet
656Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206 TI-TPS2206 Datasheet
458Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206A TI1-TPS2206A Datasheet
208Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD田?POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2204A TI1-TPS2204A Datasheet
1,001Kb / 37P
[Old version datasheet]   PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2228 TI-TPS2228 Datasheet
175Kb / 23P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com