Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2306 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS2306
Description  DUAL SEQUENCING HOT SWAP POWER MANAGER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2306 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2306 Datasheet HTML 2Page - Texas Instruments TPS2306 Datasheet HTML 3Page - Texas Instruments TPS2306 Datasheet HTML 4Page - Texas Instruments TPS2306 Datasheet HTML 5Page - Texas Instruments TPS2306 Datasheet HTML 6Page - Texas Instruments TPS2306 Datasheet HTML 7Page - Texas Instruments TPS2306 Datasheet HTML 8Page - Texas Instruments TPS2306 Datasheet HTML 9Page - Texas Instruments TPS2306 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
TPS2306
DUAL SEQUENCING HOT SWAP POWER MANAGER
SLVS368 − APRIL 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ENBL input
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Input low voltage
0.8
V
VIH
Input high voltage
2
V
FAULT output
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILKG
Output leakage current
ENBL = 0 V,
VPULLUP = 5 V
1
µA
VOL
Ouput low voltage
ENBL = 5 V,
ISINK = 0.1 mA
0.5
V
ISINK
Output current sink
ENBL = 5 V,
VOL = 0.5 V
1
mA
charge pump
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Maximum output voltage
ICPUMP = −25 µA
17
25
V
ISOURCE
Maximum current source
VCC= 5 V
−50
µA
ZO
Charge pump source impedance
VCC= 5 V,
(17 V
* 16 V)
(I(CP
+ 17 V) * I(CP + 16 V))
50
k
ramp-up comparator 1 and ramp-up comparator 2
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VUP
Trip threshold
1.35
1.5
1.65
V
ramp-down comparator 1 and ramp-down comparator 2
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDN
Trip threshold
0.35
0.5
0.65
V
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CPUMP
12
O
Charge pump output
CS2
9
I
Channel 2 current sense input
CT
5
I/O
Fault timer capacitor pin
DOWN1
15
I
Ramp-down comparator input for channel 1
DOWN2
10
I
Ramp-down comparator input for channel 2
ENBL
3
I
Device enable input
FAULT
13
O
Active high fault indicator output
GATE1
14
O
Pass FET gate drive (output of LCA1)
GATE2
11
O
Pass FET gate drive (output of LCA2)
GND
6
Common ground connection for the IC
IMAX1
1
I
Maximum sourcing current programming input for channel 1
IMAX2
8
I
Maximum sourcing current programming input for channel 2
IREF
4
O
Reference current programming pin
UP1
2
I
Ramp-up comparator input for channel 1
UP2
7
I
Ramp-up comparator input for channel 2
VCC/CS1
16
I
Device supply input and channel 1 current sense input
NOTE: Connecting a scope probe or other metering device to the CT pin alters the fault time.


Similar Part No. - TPS2306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
More results

Similar Description - TPS2306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
[Old version datasheet]   Positive Floating Hot-Swap Power Manager
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
[Old version datasheet]   Negative Voltage Hot Swap Power Manager
UCC1917 TI-UCC1917 Datasheet
228Kb / 9P
[Old version datasheet]   Positive Floating Hot Swap Power Manager
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com