Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2343DDPR Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2343DDPR
Description  DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2343DDPR Datasheet(HTML) 4 Page - Texas Instruments

  TPS2343DDPR Datasheet HTML 1Page - Texas Instruments TPS2343DDPR Datasheet HTML 2Page - Texas Instruments TPS2343DDPR Datasheet HTML 3Page - Texas Instruments TPS2343DDPR Datasheet HTML 4Page - Texas Instruments TPS2343DDPR Datasheet HTML 5Page - Texas Instruments TPS2343DDPR Datasheet HTML 6Page - Texas Instruments TPS2343DDPR Datasheet HTML 7Page - Texas Instruments TPS2343DDPR Datasheet HTML 8Page - Texas Instruments TPS2343DDPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
TPS2343
SLUS644B − FEBRUARY 2005 − MAY 2005
4
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
{}
PARAMETER
TPS2343
UNIT
Input voltage range, P12VIN
−0.5 to 15
M12VIN
−15.0 to 0.5
All others
−0.5 to 7
V
Output voltage range, P12VO, 5VG, 3VG, 15VIOG, 3VIOG
−0.5 to VP12VIN + 0.5
V
P12VG
−0.5 to 28
M12VO
−15 to 0.5
Output current, FAULT, OUTUV, PWROFF
50
mA
Output current pulse, P12VO (dc internally limited)
3
M12VO
0.8
A
3VAUX
2
A
Operating junction temperature range, TJ
−40 to 100
Storage temperature range, Tstg
−65 to 150
°C
Lead temperature soldering 1.6 mm (1/16 inch) from case for 10 seconds
260
C
† Stresses beyond those listed under ”absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under ”recommended operating conditions” is not
implied. Exposure to Absolute Maximum Rated conditions for extended periods may affect device reliability
‡ All voltages are with respect to DIGGND.
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
TEST METHOD
MIN
UNIT
Human body model (HBM)
2
kV
Charged device model (CDM)
1
kV
RECOMMENDED OPERATING CONDITIONS
PARAMETER
MIN
TYP
MAX
UNIT
Input supply,
M12VINA, M12VINB
−10.8
−12
−13.2
P12VINA, P12VINB
10.8
12
13.2
V
DIGVCC, 3VAUXI
3.0
3.3
3.6
V
V5IN
4.75
5.00
5.25
Load current,
PWRLEDA, PWRLEDB, ATTLEDA, ATTLEDB
0
24
P12VOA, P12VOB
0
1100
mA
M12VOA, M12VOB
0
−100
mA
3VAUXA, 3VAUXB
0
375
THERMAL SHUTDOWN
PARAMETER
TYP
UNIT
Junction temperature shutdown
150
°C
Junction temperature − cooldown restart
140
°C
Osolete Device


Similar Part No. - TPS2343DDPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2343 TI-TPS2343 Datasheet
670Kb / 39P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT-PLUG POWER CONTROLLER
More results

Similar Description - TPS2343DDPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2342 TI-TPS2342 Datasheet
847Kb / 53P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2343 TI-TPS2343 Datasheet
670Kb / 39P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT-PLUG POWER CONTROLLER
TPS2342 TI1-TPS2342_15 Datasheet
818Kb / 52P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2340A TI-TPS2340A Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Micrel Semiconductor
MIC2591B MICREL-MIC2591B_05 Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2342 MICREL-MIC2342 Datasheet
1Mb / 32P
   Dual-Slot PCI Express짰 Hot-Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com