Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2226DB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2226DB
Description  DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2226DB Datasheet(HTML) 4 Page - Texas Instruments

  TPS2226DB Datasheet HTML 1Page - Texas Instruments TPS2226DB Datasheet HTML 2Page - Texas Instruments TPS2226DB Datasheet HTML 3Page - Texas Instruments TPS2226DB Datasheet HTML 4Page - Texas Instruments TPS2226DB Datasheet HTML 5Page - Texas Instruments TPS2226DB Datasheet HTML 6Page - Texas Instruments TPS2226DB Datasheet HTML 7Page - Texas Instruments TPS2226DB Datasheet HTML 8Page - Texas Instruments TPS2226DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
TPS2223, TPS2224, TPS2226
DUALSLOT CARDBUS POWERINTERFACE SWITCHES
FOR SERIAL PCMCIA CONTROLLERS
SLVS317 − MAY 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Input voltage range for card power: VI(3.3V)
−0.3 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VI(5V)
−0.3 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VI(12V)‡
−0.3 V to 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Logic input/output voltage
−0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage: VO(xVCC)
−0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VO(xVPP)
−0.3 V to 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current: IO(xVCC)
Internally Limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IO(xVPP)
Internally Limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
−40
°C to 100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, TSTG
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1.6 mm (1/16 inch) from case for 10 seconds)
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
OC sink current
10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ Not applicable for TPS2223
DISSIPATION RATING TABLE
PACKAGE§
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
DB
24
890 mW
8.9 mW/
°C
489 mW
356 mW
DB
30
1095 mW
10.95 mW/
°C
602 mW
438 mW
PWP
24
3322 mW
33.22 mW/
°C
1827 mW
1329 mW
§ These devices are mounted on an JEDEC low-k board (2-oz. traces on surface).
recommended operating conditions
MIN
MAX
UNIT
Input voltage, VI(3.3V) is required for all circuit operations. 5V and
VI(3.3V)¶
3
3.6
Input voltage, VI(3.3V) is required for all circuit operations. 5V and
12V are only required for their respective functions.
VI(5V)
3
5.5
V
12V are only required for their respective functions.
VI(12V)‡
7
13.5
V
Output current, IO
IO(xVCC) at TJ = 100°C
1
A
Output current, IO
IO(xVPP) at TJ = 100°C
100
mA
Clock frequency, f(clock)
2.5
MHz
Data
200
Pulse duration, tw
Latch
250
ns
Pulse duration, tw
Clock
100
ns
Reset
100
Data-to-clock hold time (see Figure 2)
100
ns
Data-to-clock setup time, tsu (see Figure 2)
100
ns
Latch delay time, td(latch) (see Figure 2)
100
ns
Clock delay time, td(clock) (see Figure 2)
250
ns
Operating virtual junction temperature, TJ (maximum to be calculated at worst cast PD at 85°C ambient)
−40
100
°C
‡ Not applicable for TPS2223
¶ It is understood that for VI(3.3V)< 3 V, voltages within the absolute maximum ratings applied to pin 5V or pin 12V will not damage the IC.


Similar Part No. - TPS2226DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2226DB TI-TPS2226DB Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results

Similar Description - TPS2226DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2214A TI1-TPS2214A_14 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI1-TPS2216_16 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2201IDFR TI-TPS2201IDFR Datasheet
922Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2201 TI-TPS2201 Datasheet
478Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2223 TI-TPS2223 Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2214A TI-TPS2214A Datasheet
380Kb / 27P
[Old version datasheet]   LOW-COST DUAL-SLOT PC CARD POWER SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2220B TI-TPS2220B Datasheet
428Kb / 27P
[Old version datasheet]   POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com