Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2311IPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2311IPWR
Description  DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2311IPWR Datasheet(HTML) 1 Page - Texas Instruments

  TPS2311IPWR Datasheet HTML 1Page - Texas Instruments TPS2311IPWR Datasheet HTML 2Page - Texas Instruments TPS2311IPWR Datasheet HTML 3Page - Texas Instruments TPS2311IPWR Datasheet HTML 4Page - Texas Instruments TPS2311IPWR Datasheet HTML 5Page - Texas Instruments TPS2311IPWR Datasheet HTML 6Page - Texas Instruments TPS2311IPWR Datasheet HTML 7Page - Texas Instruments TPS2311IPWR Datasheet HTML 8Page - Texas Instruments TPS2311IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GATE1
GATE2
DGND
TIMER
VREG
VSENSE2
VSENSE1
AGND
ISENSE2
ISENSE1
DISCH1
DISCH2
ENABLE
PWRGD1
FAULT
ISET1
ISET2
PWRGD2
IN2
IN1
PW PACKAGE
(TOP VIEW)
typical application
NOTE: Terminal 18 is active high on TPS2311.
VREG
IN1
ISET1
ISENSE1 GATE1
DISCH1
VSENSE1
PWRGD1
TIMER
VSENSE2
DISCH2
GATE2
ISENSE2
ISET2
IN2
DGND
AGND
V2
V1
3 V − 5.5 V
3 V − 13 V
PWRGD2
TPS2310
+
VO1
VO2
ENABLE
FAULT
+
TPS2310
TPS2311
www.ti.com
SLVS275H – FEBRUARY 2000 – REVISED JULY 2013
DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT
CIRCUIT BREAKER AND POWER-GOOD REPORTING
Check for Samples: TPS2310, TPS2311
1
FEATURES
Dual-Channel High-Side MOSFET Drivers
IN1: 3 V to 13 V; IN2: 3 V to 5.5 V
Output dV/dt Control Limits Inrush Current
Circuit-Breaker With Programmable
Overcurrent Threshold and Transient Timer
Power-Good Reporting With Transient Filter
CMOS- and TTL-Compatible Enable Input
Low, 5-
μA Standby Supply Current .(Max)
Available in 20-Pin TSSOP Package
–40°C to 85°C Ambient Temperature Range
Electrostatic Discharge Protection
APPLICATIONS
Hot-Swap/Plug/Dock Power Management
Hot-Plug PCI, Device Bay
Electronic Circuit Breaker
DESCRIPTION
The TPS2310 and TPS2311 are dual-channel hot-
swap
controllers
that
use
external
N-channel
MOSFETs
as
high-side
switches
in
power
applications. Features of these devices, such as
overcurrent protection (OCP), inrush current control,
output-power status reporting, and the ability to
discriminate between load transients and faults, are
critical requirements for hot-swap applications.
The TPS2310/11 devices incorporate undervoltage lockout (UVLO) and power-good (PG) reporting to ensure the
device is off at start-up and confirm the status of the output voltage rails during operation. Each internal charge
pump, capable of driving multiple MOSFETs, provides enough gate-drive voltage to fully enhance the N-channel
MOSFETs. The charge pumps control both the rise times and fall times (dv/dt) of the MOSFETs, reducing power
transients during power up/down. The circuit-breaker functionality combines the ability to sense overcurrent
conditions with a timer function; this allows designs such as DSPs, that may have high peak currents during
power-state transitions, to disregard transients for a programmable period.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2311IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2311IPW TI-TPS2311IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2311IPW TI-TPS2311IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
More results

Similar Description - TPS2311IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2310 TI-TPS2310 Datasheet
423Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2331ID TI-TPS2331ID Datasheet
951Kb / 25P
[Old version datasheet]   SINGLE HOT-SWAP POWER CONTROLLERS WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2330 TI-TPS2330 Datasheet
345Kb / 20P
[Old version datasheet]   SINGLE HOT SWAP POWER CONTROLLER WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320IDRG4 TI-TPS2320IDRG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320 TI-TPS2320 Datasheet
409Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com