Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3938 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A3938
Description  Three-Phase Power MOSFET Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3938 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A3938_16 Datasheet HTML 3Page - Allegro MicroSystems A3938_16 Datasheet HTML 4Page - Allegro MicroSystems A3938_16 Datasheet HTML 5Page - Allegro MicroSystems A3938_16 Datasheet HTML 6Page - Allegro MicroSystems A3938_16 Datasheet HTML 7Page - Allegro MicroSystems A3938_16 Datasheet HTML 8Page - Allegro MicroSystems A3938_16 Datasheet HTML 9Page - Allegro MicroSystems A3938_16 Datasheet HTML 10Page - Allegro MicroSystems A3938_16 Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Three-Phase Power MOSFET Controller
A3938
7
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
VBB. Motor power supply connection for the A3938 and
for power MOSFETs. It is good practice to connect a decou-
pling capacitor from this pin to AGND, as close to the device
pins as possible.
REF
. Analog input to current limit comparator. Voltage
applied here sets the peak load current according to the fol-
lowing equation:
I
TRIP = VREF / RSENSE
LCAP
. 5 V reference to power internal logic and provide
low current for DEAD pin and FAULT pin. Connection for
0.1 μF external capacitor for decoupling.
DEAD. Analog input. A resistor between DEAD and LCAP
is selected to adjust turn-off time to turn-on time. This
delay is needed to prevent cross-conduction in the external
power MOSFETs. See the section Application Information
for details on setting dead time.
SENSE. Analog input to the current limit comparator.
Voltage representing load current appears on this pin. Voltage
transients that are seen at this pin when the drivers turn on
are ignored for period of time, t
BLANK.
AGND. Analog reference ground.
PGND. Return for low-side gate drivers. This should be
connected to the PCB power ground.
H1
H2
H3
DIR
GLA
GLB
GLC
GHA
GHB
GHC
SA
SB
SC
1
0
1
1001100
HI
Z
LO
1
0
0
1001010
Z
HI
LO
1
1
0
1100010
LO
HI
Z
0
1
0
1100001
LO
ZHI
0
1
1
1010001
Z
LO
HI
0
0
1
1010100
HI
LO
Z
1
0
1
0100001
LO
ZHI
1
0
0
0010001
Z
LO
HI
1
1
0
0010100
HI
LO
Z
0
1
0
0001100
HI
Z
LO
0
1
1
0001010
Z
HI
LO
0
0
1
0100010
LO
HI
Z
Commutation Truth Table
MODE
PWM
RESET
Quadrant
Mode of Operation**
0*
0
0
Fast decay
PWM chop – current decay with opposite of selected low-
side drivers ON.
0*
1
0
Fast Decay
Selected drivers ON. If current limiting, opposite of selected
low-side drivers ON.
1
0
0
Slow decay
PWM chop – current decay with both low-side drivers ON.
1
1
0
Slow Decay Selected drivers ON. If current limiting, both low-side drivers ON.
XX
1
X
All high-side drivers OFF, low-sides see BRKSEL stored.
Clears storable faults.
* Low-side, only, Synchronous Rectification mode.
**See Commutation Truth Table for meaning of “both” and "selected."
Input Logic


Similar Part No. - A3938_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3938SEQ ALLEGRO-A3938SEQ Datasheet
399Kb / 11P
   Three-Phase Power MOSFET Controller
A3938SLD ALLEGRO-A3938SLD Datasheet
399Kb / 11P
   Three-Phase Power MOSFET Controller
A3938SLD-T ALLEGRO-A3938SLD-T Datasheet
399Kb / 11P
   Three-Phase Power MOSFET Controller
A3938SLDTR ALLEGRO-A3938SLDTR Datasheet
369Kb / 11P
   Three-Phase Power MOSFET Controller
A3938SLQ ALLEGRO-A3938SLQ Datasheet
399Kb / 11P
   Three-Phase Power MOSFET Controller
More results

Similar Description - A3938_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3938SEQ ALLEGRO-A3938SEQ Datasheet
399Kb / 11P
   Three-Phase Power MOSFET Controller
A3938SLDTR ALLEGRO-A3938SLDTR Datasheet
369Kb / 11P
   Three-Phase Power MOSFET Controller
A3932 ALLEGRO-A3932_13 Datasheet
364Kb / 12P
   Three-Phase Power MOSFET Controller
3932 ALLEGRO-3932 Datasheet
67Kb / 8P
   THREE PHASE POWER MOSFET CONTROLLER
03/02/99
A3932SLD-T ALLEGRO-A3932SLD-T Datasheet
364Kb / 12P
   Three-Phase Power MOSFET Controller
3932 ALLEGRO-3932_03 Datasheet
277Kb / 13P
   THREE-PHASE POWER MOSFET CONTROLLER
3935 ALLEGRO-3935_03 Datasheet
299Kb / 15P
   THREE-PHASE POWER MOSFET CONTROLLER
A3938 ALLEGRO-A3938 Datasheet
370Kb / 11P
   Three-Phase Power MOSFET Controller
A3932 ALLEGRO-A3932 Datasheet
365Kb / 12P
   Three-Phase Power MOSFET Controller
3933 ALLEGRO-3933 Datasheet
168Kb / 12P
   THREE-PHASE POWER MOSFET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com