Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5995 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A5995
Description  DMOS Dual Full-Bridge PWM Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A5995 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A5995 Datasheet HTML 1Page - Allegro MicroSystems A5995 Datasheet HTML 2Page - Allegro MicroSystems A5995 Datasheet HTML 3Page - Allegro MicroSystems A5995 Datasheet HTML 4Page - Allegro MicroSystems A5995 Datasheet HTML 5Page - Allegro MicroSystems A5995 Datasheet HTML 6Page - Allegro MicroSystems A5995 Datasheet HTML 7Page - Allegro MicroSystems A5995 Datasheet HTML 8Page - Allegro MicroSystems A5995 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DMOS Dual Full-Bridge PWM Motor Driver
A5995
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
CHARGE
PUMP
DMOS Full Bridge 1
DMOS Full Bridge 2
V
CP
MODE1
PHASE1
ENABLE1
OUT1B
OUT1A
SENSE2
OUT2B
OUT2A
OSC
Sense2
VREF2
CONTROL
LOGIC
GATE
DRIVE
V
CP
-
Sense1
Sense2
PWM Latch
BLANKING
PWM Latch
BLANKING
3
CONTROL
LOGIC
GATE
DRIVE
3
VREF1
MODE2
PHASE2
ENABLE2
SLEEPn
OUT1A
OUT1B
OUT2A
OUT2B
SENSE2
SENSE1
SENSE1
R
S2
R
S1
0.1 µF
50 V
0.1 µF
50 V
100 µF
50 V
0.22 µF
50 V
Functional Block Diagram


Similar Part No. - A5995

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5990 ALLEGRO-A5990 Datasheet
764Kb / 12P
   Quad DMOS Full-Bridge PWM Motor Driver
A5990GEVSR-T ALLEGRO-A5990GEVSR-T Datasheet
764Kb / 12P
   Quad DMOS Full-Bridge PWM Motor Driver
More results

Similar Description - A5995

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4954 ALLEGRO-A4954 Datasheet
248Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
3965 ALLEGRO-3965 Datasheet
186Kb / 7P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
12/4/2002
A4954 ALLEGRO-A4954_16 Datasheet
247Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
3974 ALLEGRO-3974 Datasheet
178Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
3974 ALLEGRO-3974_1 Datasheet
617Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3974 ALLEGRO-A3974 Datasheet
470Kb / 12P
   DMOS Dual Full-Bridge PWM Motor Driver
A3965 ALLEGRO-A3965 Datasheet
390Kb / 8P
   DMOS Dual Full-Bridge PWM Motor Driver
November 1, 2004
A3995 ALLEGRO-A3995 Datasheet
939Kb / 9P
   DMOS Dual Full Bridge PWM Motor Driver
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A4950KLJTR-T ALLEGRO-A4950KLJTR-T Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com