Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS714 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # ACS714
Description  Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS714 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button ACS714_16 Datasheet HTML 7Page - Allegro MicroSystems ACS714_16 Datasheet HTML 8Page - Allegro MicroSystems ACS714_16 Datasheet HTML 9Page - Allegro MicroSystems ACS714_16 Datasheet HTML 10Page - Allegro MicroSystems ACS714_16 Datasheet HTML 11Page - Allegro MicroSystems ACS714_16 Datasheet HTML 12Page - Allegro MicroSystems ACS714_16 Datasheet HTML 13Page - Allegro MicroSystems ACS714_16 Datasheet HTML 14Page - Allegro MicroSystems ACS714_16 Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS714
11
Allegro MicroSystems, LLC
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Characteristic Performance
IP = 30 A, unless otherwise specified
–40
25
85
150
TA (°C)
–40
25
–20
85
125
TA (°C)
IP = 0 A
IP = 0 A
VCC = 5 V
VCC = 5 V
VCC = 5 V; IP = 0 A,
After excursion to 20 A
VCC = 5 V
Mean Supply Current versus Ambient Temperature
Sensitivity versus Sensed Current
70.00
69.00
68.00
67.00
66.00
65.00
64.00
63.00
62.00
61.00
60.00
Ip (A)
TA (°C)
TA (°C)
9.6
9.5
9.4
9.3
9.2
9.1
9.0
8.9
-50
-25
0
25
50
75
125
100
150
Supply Current versus Supply Voltage
10.2
10.0
9.8
9.6
9.4
9.2
9.0
VCC (V)
Nonlinearity versus Ambient Temperature
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
–50
0
–25
25
50
125
75
100
150
TA (°C)
Mean Total Output Error versus Ambient Temperature
8
6
4
2
0
–2
–4
–6
–8
–50
0
–25
25
50
125
75
100
150
IP (A)
Output Voltage versus Sensed Current
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–30
–20
–10
0
10
20
30
4.5
4.6
4.8
4.7
4.9
5.0
5.3
5.15.2
5.45.5
–30
–20
–10
0
10
20
30
66.6
66.5
66.4
66.3
66.2
66.1
66.0
65.9
65.8
65.7
TA (°C)
Sensitivity versus Ambient Temperature
–50
0
–25
25
50
125
75
100
150
TA (°C)
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
–4.5
–5.0
-50
-25
0
25
50
75
125
100
150
Magnetic Offset versus Ambient Temperature
TA (°C)
2535
2530
2525
2520
2515
2510
2505
2500
2495
2490
2485
-50
-25
0
25
50
75
125
100
150
TA (°C)
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
-50
-25
0
25
50
75
125
100
150
0 A Output Voltage versus Ambient Temperature
0 A Output Voltage Current versus Ambient Temperature


Similar Part No. - ACS714_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS714 ALLEGRO-ACS714_13 Datasheet
690Kb / 18P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
More results

Similar Description - ACS714_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS715 ALLEGRO-ACS715_16 Datasheet
796Kb / 15P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS712 ALLEGRO-ACS712_V13 Datasheet
642Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS713 ALLEGRO-ACS713_16 Datasheet
569Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS712 ALLEGRO-ACS712_16 Datasheet
681Kb / 15P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS756 ALLEGRO-ACS756_16 Datasheet
632Kb / 11P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS764 ALLEGRO-ACS764 Datasheet
387Kb / 22P
   Fully Integrated, Hall-Effect Based Current Sensor IC
ACS758 ALLEGRO-ACS758_13 Datasheet
737Kb / 22P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 Current Conductor
ACS714 ALLEGRO-ACS714_13 Datasheet
690Kb / 18P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS758 ALLEGRO-ACS758_16 Datasheet
1Mb / 22P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
ACS758XCB ALLEGRO-ACS758XCB Datasheet
594Kb / 16P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com