Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS723 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ACS723
Description  High Accuracy, Galvanically Isolated Current Sensor IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS723 Datasheet(HTML) 1 Page - Allegro MicroSystems

  ACS723 Datasheet HTML 1Page - Allegro MicroSystems ACS723 Datasheet HTML 2Page - Allegro MicroSystems ACS723 Datasheet HTML 3Page - Allegro MicroSystems ACS723 Datasheet HTML 4Page - Allegro MicroSystems ACS723 Datasheet HTML 5Page - Allegro MicroSystems ACS723 Datasheet HTML 6Page - Allegro MicroSystems ACS723 Datasheet HTML 7Page - Allegro MicroSystems ACS723 Datasheet HTML 8Page - Allegro MicroSystems ACS723 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
ACS723
Approximate Scale 1:1
TheAllegroACS723 current sensor IC is an economical and
precise solution for AC or DC current sensing in industrial,
commercial, and communications systems.The small package
is ideal for space constrained applications while also saving
costs due to reduced board area. Typical applications include
motorcontrol,loaddetectionandmanagement,switched-mode
power supplies, and overcurrent fault protection.
The device consists of a precise, low-offset, linear Hall
sensor circuit with a copper conduction path located near the
surface of the die.Applied current flowing through this copper
conduction path generates a magnetic field which is sensed by
theintegratedHallICandconvertedintoaproportionalvoltage.
Deviceaccuracyisoptimizedthroughthecloseproximityofthe
magnetic field to the Hall transducer. A precise, proportional
voltage is provided by the low-offset, chopper-stabilized
BiCMOS Hall IC, which includes Allegro’s patented digital
temperature compensation, resulting in extremely accurate
performance over temperature. The output of the device has
a positive slope when an increasing current flows through the
primary copper conduction path (from pins 1 and 2, to pins 3
and 4), which is the path used for current sensing. The internal
resistanceofthisconductivepathis0.65mΩtypical,providing
low power loss.
The terminals of the conductive path are electrically isolated
from the sensor leads (pins 5 through 8). This allows the
ACS723 current sensor IC to be used in high-side current sense
applicationswithouttheuseofhigh-sidedifferentialamplifiers
or other costly isolation techniques.
ACS723-DS, Rev. 2
• Patented integrated digital temperature compensation
circuitry allows for near closed loop accuracy over
temperature in an open loop sensor
• UL60950-1 (ed. 2) certified
□ Dielectric Strength Voltage = 2.4 kVrms
□ Basic Isolation Working Voltage = 420 Vpk/297
Vrms
• Industry-leading noise performance with greatly improved
bandwidth through proprietary amplifier and filter
design techniques
• Pin-selectable band width: 80 kHz for high bandwidth
applications or 20 kHz for low noise performance
• 0.65 mΩ primary conductor resistance for low power loss
and high inrush current withstand capability
• Small footprint, low-profile SOIC8 package suitable for
space-constrained applications
• Integrated shield virtually eliminates capacitive
coupling from current conductor to die, greatly
suppressing output noise due to high dv/dt transients
• 4.5 to 5.5 V, single supply operation
• Output voltage proportional to AC or DC current
• Factory-trimmed sensitivity and quiescent output voltage
High Accuracy, Galvanically Isolated Current Sensor IC
With Small Footprint SOIC8 Package
Continued on the next page…
Package: 8-pin SOIC (suff ix LC)
Typical Application
The ACS723 outputs an
analog signal, VIOUT, that
changes, proportionally,
with the bidirectional AC or
DC primary sensed current,
IP, within the specified
measurement range. The
BW_SEL pin can be used
to select one of the two
bandwidths to optimize the
noise performance. Grounding
the BW_SEL pin puts the part
in the high bandwidth, 80 kHz,
mode.
Continued on the next page…
P
P
P
L
C
BYPASS
0.1 µF
ACS723
C
2
1
3
4
6
8
5
7
IP+
VCC
–I
+I
IP+
VIOUT
IP–
IP–
BW_SEL
GND
I
FEATURES AND BENEFITS
DESCRIPTION


Similar Part No. - ACS723

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS723KMA ALLEGRO-ACS723KMA Datasheet
786Kb / 17P
   High Accuracy, Hall-effect Based Current Sensor
More results

Similar Description - ACS723

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS722 ALLEGRO-ACS722 Datasheet
692Kb / 22P
   High Accuracy, Galvanically Isolated Current Sensor IC With Small Footprint SOIC8 Package
ACS724 ALLEGRO-ACS724 Datasheet
620Kb / 25P
   Automotive-Grade, Galvanically Isolated Current Sensor IC
ACS725 ALLEGRO-ACS725 Datasheet
629Kb / 19P
   Automotive-Grade, Galvanically Isolated Current Sensor IC
ACS730 ALLEGRO-ACS730 Datasheet
883Kb / 18P
   1 MHz Bandwidth, Galvanically Isolated Current Sensor IC
ACS773 ALLEGRO-ACS773_V01 Datasheet
2Mb / 32P
   High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 μΩ Current Conductor
August 12, 2021
ACS773 ALLEGRO-ACS773 Datasheet
1Mb / 26P
   High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
ACS720 ALLEGRO-ACS720 Datasheet
1Mb / 35P
   High Accuracy, Dual Fault, Galvanically Isolated Current Sensor in SOIC16 Wide-Body Package
ACS772 ALLEGRO-ACS772 Datasheet
2Mb / 41P
   High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
ACS726 ALLEGRO-ACS726 Datasheet
1Mb / 15P
   Galvanically Isolated Current Sensor IC With Differential Output and Externally Adjustable Gain
ACS732KMA ALLEGRO-ACS732KMA Datasheet
2Mb / 22P
   1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com