Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1249Y Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1249Y
Description  2048k Nonvolatile SRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1249Y Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1249Y Datasheet HTML 1Page - Dallas Semiconductor DS1249Y Datasheet HTML 2Page - Dallas Semiconductor DS1249Y Datasheet HTML 3Page - Dallas Semiconductor DS1249Y Datasheet HTML 4Page - Dallas Semiconductor DS1249Y Datasheet HTML 5Page - Dallas Semiconductor DS1249Y Datasheet HTML 6Page - Dallas Semiconductor DS1249Y Datasheet HTML 7Page - Dallas Semiconductor DS1249Y Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DS1249Y/AB
3 of 8
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +6.0V
Operating Temperature
0°C to 70°C, -40°C to +85°C for IND parts
Storage Temperature
-40°C to +70°C, -40°C to +85°C for IND parts
Soldering Temperature
260°C for 10 seconds
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(tA: See Note 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
DS1249AB Power Supply Voltage
VCC
4.75
5.0
5.25
V
DS1249Y Power Supply Voltage
VCC
4.5
5.0
5.5
V
Logic 1
VIH
2.2
VCC
V
Logic 0
VIL
0.0
0.8
V
DC ELECTRICAL
(VCC=5V
±=5% for DS1249AB)
CHARACTERISTICS
(tA: See Note 10) (VCC=5V
±=10% for DS1249Y)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage Current
IIL
-2.0
+2.0
µA
I/O Leakage Current CE
≥ V
IH
≤ V
CC
IIO
-2.0
+2.0
µA
Output Current @ 2.4V
IOH
-1.0
mA
Output Current @ 0.4V
IOL
2.0
mA
Standby Current CE =2.2V
ICCS1
1.0
1.5
mA
Standby Current CE =VCC-0.5V
ICCS2
100
150
µA
Operating Current
ICCO1
85
mA
Write Protection Voltage (DS1249AB)
VTP
4.50
4.62
4.75
V
Write Protection Voltage (DS1249Y)
VTP
4.25
4.37
4.5
V
CAPACITANCE
(tA=25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
10
20
pF
Input/Output Capacitance
CI/O
10
20
pF


Similar Part No. - DS1249Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1249Y MAXIM-DS1249Y Datasheet
214Kb / 9P
   2048k Nonvolatile SRAM
19-5631; Rev 11/10
DS1249Y-70# MAXIM-DS1249Y-70# Datasheet
214Kb / 9P
   2048k Nonvolatile SRAM
19-5631; Rev 11/10
DS1249Y-70IND# MAXIM-DS1249Y-70IND# Datasheet
214Kb / 9P
   2048k Nonvolatile SRAM
19-5631; Rev 11/10
More results

Similar Description - DS1249Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1249AB MAXIM-DS1249AB Datasheet
214Kb / 9P
   2048k Nonvolatile SRAM
19-5631; Rev 11/10
logo
Cypress Semiconductor
CYM1471 CYPRESS-CYM1471 Datasheet
251Kb / 8P
   2048K x 8 SRAM Module 2048K x 8 SRAM Module
Revised January 2, 1997
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1220Y DALLAS-DS1220Y Datasheet
144Kb / 8P
   16k Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com