Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0731713400 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0731713400
Description  75 Ohms, Mini BNC, Plug, Straight
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0731713400 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0731713400 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 07/15/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0731713400
Status:
Active
Overview:
BNC RF Connectors
Description:
75 Ohms, Mini BNC, Plug, Straight
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73171
Overview
BNC RF Connectors
Product Name
mini-BNC
Style
Cable
UPC
883906506834
Wire/Cable Type
N/A
Physical
Gender
Plug
Keying to Mating Part
Yes
Net Weight
5.808/g
Orientation
Straight
PCB Mounting
N/A
Packaging Type
Bag
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
75#
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73171-340
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
50 Image
ELV
Not Relevant
Search Parts in this Series
73171 Series
This document was generated on 07/15/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0731713400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0731713400 MOLEX-0731713400 Datasheet
56Kb / 1P
   75 Ohms, Mini BNC, Plug, Straight
More results

Similar Description - 0731713400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0731713400 MOLEX-0731713400 Datasheet
56Kb / 1P
   75 Ohms, Mini BNC, Plug, Straight
0731710731 MOLEX-0731710731_V01 Datasheet
41Kb / 1P
   75 Ohms, BNC Straight Plug, RG6
0731710731 MOLEX11-0731710731 Datasheet
52Kb / 1P
   75 Ohms, BNC Straight Plug, RG6
73171-2730 MOLEX11-73171-2730 Datasheet
34Kb / 1P
   75 Ohms, Mini BNC, Straight Jack, Nickel
0731712730 MOLEX11-0731712730 Datasheet
30Kb / 1P
   75 Ohms, Mini BNC, Straight Jack, Nickel
0731714290 MOLEX11-0731714290 Datasheet
52Kb / 1P
   75 Ohms, BNC Plug Straight, 30 Gold
0731712732 MOLEX-0731712732_V01 Datasheet
29Kb / 1P
   75 Ohms, Mini BNC, Straight Jack, Gold, Bag
73171-2731 MOLEX11-73171-2731 Datasheet
34Kb / 1P
   75 Ohms, Mini BNC, Straight Jack, Gold, Bulk
73171-2732 MOLEX11-73171-2732 Datasheet
33Kb / 1P
   75 Ohms, Mini BNC, Straight Jack, Gold, Bag
0731712731 MOLEX-0731712731_V01 Datasheet
31Kb / 1P
   75 Ohms, Mini BNC, Straight Jack, Gold, Tray
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com