Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1KSMBJ220A Datasheet(PDF) 4 Page - SUNMATE electronic Co., LTD

Part # 1KSMBJ220A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1KSMBJ220A Datasheet(HTML) 4 Page - SUNMATE electronic Co., LTD

  1KSMBJ220A Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1KSMBJ220A Datasheet HTML 2Page - SUNMATE electronic Co., LTD 1KSMBJ220A Datasheet HTML 3Page - SUNMATE electronic Co., LTD 1KSMBJ220A Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 of 4
Ratings and Characteristic Curves TA=25°C unless otherwise noted
www.sunmate.tw


Similar Part No. - 1KSMBJ220A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1KSMBJ22 LITTELFUSE-1KSMBJ22 Datasheet
211Kb / 4P
   Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor
1KSMBJ22 LITTELFUSE-1KSMBJ22 Datasheet
217Kb / 4P
   1000W Surface Mount Transient Voltage Suppressor
1KSMBJ22A LITTELFUSE-1KSMBJ22A Datasheet
211Kb / 4P
   Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor
1KSMBJ22A LITTELFUSE-1KSMBJ22A Datasheet
217Kb / 4P
   1000W Surface Mount Transient Voltage Suppressor
More results

Similar Description - 1KSMBJ220A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P6SMBJ6.8A SUNMATE-P6SMBJ6.8A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ8.0A SUNMATE-P6SMAFJ8.0A Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T350A SUNMATE-SM4T350A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T400A SUNMATE-SM4T400A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ30CA SUNMATE-P6SMAFJ30CA Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC7.0A SUNMATE-1SMC7.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5A SUNMATE-1SMC8.5A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5CA SUNMATE-1SMC8.5CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC9.0A SUNMATE-1SMC9.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC14CA SUNMATE-1SMC14CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF26CA SUNMATE-SMF26CA Datasheet
718Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com