Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1KSMBJ300 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # 1KSMBJ300
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1KSMBJ300 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  1KSMBJ300 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1KSMBJ300 Datasheet HTML 2Page - SUNMATE electronic Co., LTD 1KSMBJ300 Datasheet HTML 3Page - SUNMATE electronic Co., LTD 1KSMBJ300 Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 of 4
RWM
Breakdown
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
5.50
5.80
6.12
6.45
7.48
7.14
10.0
10.0
10.8
10.5
55.6
57.1
1000.0
1000.0
6.05
6.40
6.75
7.13
8.25
7.88
10.0
10.0
11.7
11.3
51.3
53.1
500.0
500.0
6.63
7.02
7.38
7.79
9.02
8.61
10.0
10.0
12.5
12.1
48.0
49.6
200.0
200.0
7.37
7.78
8.19
8.65
10.0
9.55
1.0
1.0
13.8
13.4
43.5
44.8
50.0
50.0
8.10
8.55
9.00
9.50
11.0
10.5
1.0
1.0
15.0
14.5
40.0
41.4
10.0
10.0
8.92
9.40
9.90
10.5
12.1
11.6
1.0
1.0
16.2
15.6
37.0
38.5
5.0
5.0
9.72
10.2
10.8
11.4
13.2
12.6
1.0
1.0
17.3
16.7
34.7
35.9
5.0
5.0
10.5
11.1
11.7
12.4
14.3
13.7
1.0
1.0
19.0
18.2
31.6
33.0
5.0
5.0
12.1
12.8
13.5
14.3
16.5
15.8
1.0
1.0
22.0
21.2
27.3
28.3
5.0
5.0
12.9
13.6
14.4
15.2
17.6
16.8
1.0
1.0
23.5
22.5
25.5
26.7
5.0
5.0
14.5
15.3
16.2
17.1
19.8
18.9
1.0
1.0
26.5
25.2
22.6
23.8
5.0
5.0
16.2
17.1
18.0
19.0
22.0
21.0
1.0
1.0
29.1
27.7
20.6
21.7
5.0
5.0
17.8
18.8
19.8
20.9
24.2
23.1
1.0
1.0
31.9
30.6
18.8
19.6
5.0
5.0
19.4
20.5
21.6
22.8
26.4
25.2
1.0
1.0
34.7
33.2
17.3
18.1
5.0
5.0
21.8
23.1
24.3
25.7
29.7
28.4
1.0
1.0
39.1
37.5
15.3
16.0
5.0
5.0
24.3
25.6
27.0
28.5
33.0
31.5
1.0
1.0
43.5
41.4
13.8
14.5
5.0
5.0
26.8
28.2
29.7
31.4
36.3
34.7
1.0
1.0
47.7
45.7
12.6
13.1
5.0
5.0
29.1
30.8
32.4
34.2
39.6
37.8
1.0
1.0
52.0
49.9
11.5
12.0
5.0
5.0
31.6
33.3
35.1
37.1
42.9
41.0
1.0
1.0
56.4
53.9
10.6
11.1
5.0
5.0
34.8
36.8
38.7
40.9
47.3
45.2
1.0
1.0
61.9
59.3
9.7
10.1
5.0
5.0
38.1
40.2
42.3
44.7
51.7
49.4
1.0
1.0
67.8
64.8
8.8
9.3
5.0
5.0
TYPE
(BI)
(UNI)
41.3
45.9
56.1
1.0
73.5
www.sunmate.tw
RWM
V
(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
8.2
5.0
1KSMBJ6.8
1KSMBJ6.8A
1KSMBJ7.5
1KSMBJ7.5A
1KSMBJ8.2
1KSMBJ8.2A
1KSMBJ9.1
1KSMBJ9.1A
1KSMBJ10
1KSMBJ10A
1KSMBJ11
1KSMBJ11A
1KSMBJ12
1KSMBJ12A
1KSMBJ13
1KSMBJ13A
1KSMBJ15
1KSMBJ15A
1KSMBJ16
1KSMBJ16A
1KSMBJ18
1KSMBJ18A
1KSMBJ20
1KSMBJ20A
1KSMBJ22
1KSMBJ22A
1KSMBJ24
1KSMBJ24A
1KSMBJ27
1KSMBJ27A
1KSMBJ30
1KSMBJ30A
1KSMBJ33
1KSMBJ33A
1KSMBJ36
1KSMBJ36A
1KSMBJ39
1KSMBJ39A
1KSMBJ43
1KSMBJ43A
1KSMBJ47
1KSMBJ47A
1KSMBJ51
1KSMBJ6.8C
1KSMBJ6.8CA
1KSMBJ7.5C
1KSMBJ7.5CA
1KSMBJ8.2C
1KSMBJ8.2CA
1KSMBJ9.1C
1KSMBJ9.1CA
1KSMBJ10C
1KSMBJ10CA
1KSMBJ11C
1KSMBJ11CA
1KSMBJ12C
1KSMBJ12CA
1KSMBJ13C
1KSMBJ13CA
1KSMBJ15C
1KSMBJ15CA
1KSMBJ16C
1KSMBJ16CA
1KSMBJ18C
1KSMBJ18CA
1KSMBJ20C
1KSMBJ20CA
1KSMBJ22C
1KSMBJ22CA
1KSMBJ24C
1KSMBJ24CA
1KSMBJ27C
1KSMBJ27CA
1KSMBJ30C
1KSMBJ30CA
1KSMBJ33C
1KSMBJ33CA
1KSMBJ36C
1KSMBJ36CA
1KSMBJ39C
1KSMBJ39CA
1KSMBJ43C
1KSMBJ43CA
1KSMBJ47C
1KSMBJ47CA
1KSMBJ51C


Similar Part No. - 1KSMBJ300

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1KSMBJ30 LITTELFUSE-1KSMBJ30 Datasheet
211Kb / 4P
   Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor
1KSMBJ30 LITTELFUSE-1KSMBJ30 Datasheet
217Kb / 4P
   1000W Surface Mount Transient Voltage Suppressor
1KSMBJ30A LITTELFUSE-1KSMBJ30A Datasheet
211Kb / 4P
   Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor
1KSMBJ30A LITTELFUSE-1KSMBJ30A Datasheet
217Kb / 4P
   1000W Surface Mount Transient Voltage Suppressor
More results

Similar Description - 1KSMBJ300

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P6SMBJ6.8A SUNMATE-P6SMBJ6.8A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ8.0A SUNMATE-P6SMAFJ8.0A Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T350A SUNMATE-SM4T350A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T400A SUNMATE-SM4T400A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ30CA SUNMATE-P6SMAFJ30CA Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC7.0A SUNMATE-1SMC7.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5A SUNMATE-1SMC8.5A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5CA SUNMATE-1SMC8.5CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC9.0A SUNMATE-1SMC9.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC14CA SUNMATE-1SMC14CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF26CA SUNMATE-SMF26CA Datasheet
718Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com