Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1249AB100 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1249AB100
Description  2048k Nonvolatile SRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1249AB100 Datasheet(HTML) 8 Page - Dallas Semiconductor

  DS1249AB100 Datasheet HTML 1Page - Dallas Semiconductor DS1249AB100 Datasheet HTML 2Page - Dallas Semiconductor DS1249AB100 Datasheet HTML 3Page - Dallas Semiconductor DS1249AB100 Datasheet HTML 4Page - Dallas Semiconductor DS1249AB100 Datasheet HTML 5Page - Dallas Semiconductor DS1249AB100 Datasheet HTML 6Page - Dallas Semiconductor DS1249AB100 Datasheet HTML 7Page - Dallas Semiconductor DS1249AB100 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
DS1249Y/AB
8 of 8
DC TEST CONDITIONS
AC TEST CONDITIONS
Outputs Open
Output Load: 100 pF + 1TTL Gate
Cycle = 200 ns for operating current
Input Pulse Levels: 0 - 3.0V
All voltages are referenced to ground
Timing Measurement Reference Levels
Input: 1.5V
Output: 1.5V
Input pulse Rise and Fall Times: 5 ns
ORDERING INFORMATION
DS1249 TTP - SSS - III
Operating Temperature Range
blank: 0
° to 70°
IND: -40
° to +85°C
Access Speed
70:
70 ns
100:
100 ns
Package Type
blank: 32-pin, 600-mil DIP
VCC Tolerance
Y:
±10%
AB:
±5%
DS1249Y/AB NONVOLATILE SRAM, 32-PIN, 740-MIL EXTENDED MODULE
PKG
32-PIN
DIM
MIN
MAX
A IN.
MM
2.080
52.83
2.100
53.34
B IN.
MM
0.715
18.16
0.740
18.80
C IN.
MM
0.395
10.03
0.405
10.29
D IN.
MM
0.280
7.11
0.310
7.49
E IN.
MM
0.015
0.38
0.030
0.76
F IN.
MM
0.120
3.05
0.160
4.06
G IN.
MM
0.090
2.29
0.110
2.79
H IN.
MM
0.590
14.99
0.630
16.00
J IN.
MM
0.008
0.20
0.012
0.30
K IN.
MM
0.015
0.43
0.025
0.58


Similar Part No. - DS1249AB100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1249AB MAXIM-DS1249AB Datasheet
214Kb / 9P
   2048k Nonvolatile SRAM
19-5631; Rev 11/10
DS1249AB-70# MAXIM-DS1249AB-70# Datasheet
214Kb / 9P
   2048k Nonvolatile SRAM
19-5631; Rev 11/10
DS1249AB-70IND# MAXIM-DS1249AB-70IND# Datasheet
214Kb / 9P
   2048k Nonvolatile SRAM
19-5631; Rev 11/10
More results

Similar Description - DS1249AB100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1249AB MAXIM-DS1249AB Datasheet
214Kb / 9P
   2048k Nonvolatile SRAM
19-5631; Rev 11/10
logo
Cypress Semiconductor
CYM1471 CYPRESS-CYM1471 Datasheet
251Kb / 8P
   2048K x 8 SRAM Module 2048K x 8 SRAM Module
Revised January 2, 1997
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1220Y DALLAS-DS1220Y Datasheet
144Kb / 8P
   16k Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com