Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP32N12V2 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FQP32N12V2
Description  120V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP32N12V2 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FQP32N12V2 Datasheet HTML 2Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 3Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 4Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 5Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 6Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 7Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 8Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 9Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Rev. A, December 2003
©2003 Fairchild Semiconductor Corporation
Package Dimensions
4.50
±0.20
9.90
±0.20
1.52
±0.10
0.80
±0.10
2.40
±0.20
10.00
±0.20
1.27
±0.10
ø3.60
±0.10
(8.70)
1.30
+0.10
–0.05
0.50
+0.10
–0.05
2.54TYP
[2.54
±0.20]
2.54TYP
[2.54
±0.20]
TO-220
Dimensions in Millimeters


Similar Part No. - FQP32N12V2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQP32N12V2 ISC-FQP32N12V2 Datasheet
302Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQP32N12V2

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSS1206 GOOD-ARK-SSS1206 Datasheet
1Mb / 7P
   120V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB32N12V2 FAIRCHILD-FQB32N12V2 Datasheet
649Kb / 9P
   120V N-Channel MOSFET
logo
PFC Device Inc.
PRM010N12CT PFC-PRM010N12CT Datasheet
809Kb / 8P
   120V Single N-Channel MOSFET
logo
Fairchild Semiconductor
FQB15P12 FAIRCHILD-FQB15P12 Datasheet
652Kb / 9P
   120V P-Channel MOSFET
FQP15P12 FAIRCHILD-FQP15P12 Datasheet
852Kb / 10P
   120V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM15P12 KERSEMI-KSM15P12 Datasheet
2Mb / 7P
   120V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AONS62922 AOSMD-AONS62922 Datasheet
335Kb / 6P
   120V N-Channel AlphaSGT TM
logo
Intersil Corporation
RFP2N12L INTERSIL-RFP2N12L Datasheet
35Kb / 5P
   2A, 120V, 1.750 Ohm, Logic Level, N-Channel Power MOSFET
logo
Nexperia B.V. All right...
PSMN7R8-120PS NEXPERIA-PSMN7R8-120PS Datasheet
744Kb / 13P
   N-channel 120V 7.9m廓 standard level MOSFET in TO220
logo
NXP Semiconductors
PSMN7R8-120PS PHILIPS-PSMN7R8-120PS_15 Datasheet
273Kb / 13P
   N-channel 120V 7.9m廓 standard level MOSFET in TO220
25 January 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com