Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP32N12V2 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQP32N12V2
Description  120V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP32N12V2 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQP32N12V2 Datasheet HTML 1Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 2Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 3Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 4Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 5Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 6Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 7Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 8Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. A, December 2003
QFET®
FQP32N12V2/FQPF32N12V2
120V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for DC to DC converters, sychronous rectification,
and other applications lowest Rds(on) is required.
Features
• 32 A, 120V, RDS(on) = 0.05Ω @VGS = 10 V
• Low gate charge ( typical 41 nC)
• Low Crss ( typical 70 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
* Drain current limited by maximum junction temperature.
Thermal Characteristics
Symbol
Parameter
FQP32N12V2
FQPF32N12V2
Units
VDSS
Drain-Source Voltage
120
V
ID
Drain Current
- Continuous (TC = 25°C)
32
32 *
A
- Continuous (TC = 100°C)
23
23 *
A
IDM
Drain Current
- Pulsed
(Note 1)
128
128 *
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
439
mJ
IAR
Avalanche Current
(Note 1)
32
A
EAR
Repetitive Avalanche Energy
(Note 1)
15
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TC = 25°C)
150
50
W
- Derate above 25°C
1
0.33
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
FQP32N12V2
FQPF32N12V2
Units
RθJC
Thermal Resistance, Junction-to-Case
1.0
3.0
°C/W
RθJS
Thermal Resistance, Case-to-Sink Typ.
40
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
62.5
°C/W
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
S
D
G
TO-220
FQP Series
G
S
D
TO-220F
FQPF Series
G
S
D


Similar Part No. - FQP32N12V2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQP32N12V2 ISC-FQP32N12V2 Datasheet
302Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQP32N12V2

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSS1206 GOOD-ARK-SSS1206 Datasheet
1Mb / 7P
   120V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB32N12V2 FAIRCHILD-FQB32N12V2 Datasheet
649Kb / 9P
   120V N-Channel MOSFET
logo
PFC Device Inc.
PRM010N12CT PFC-PRM010N12CT Datasheet
809Kb / 8P
   120V Single N-Channel MOSFET
logo
Fairchild Semiconductor
FQB15P12 FAIRCHILD-FQB15P12 Datasheet
652Kb / 9P
   120V P-Channel MOSFET
FQP15P12 FAIRCHILD-FQP15P12 Datasheet
852Kb / 10P
   120V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM15P12 KERSEMI-KSM15P12 Datasheet
2Mb / 7P
   120V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AONS62922 AOSMD-AONS62922 Datasheet
335Kb / 6P
   120V N-Channel AlphaSGT TM
logo
Intersil Corporation
RFP2N12L INTERSIL-RFP2N12L Datasheet
35Kb / 5P
   2A, 120V, 1.750 Ohm, Logic Level, N-Channel Power MOSFET
logo
Nexperia B.V. All right...
PSMN7R8-120PS NEXPERIA-PSMN7R8-120PS Datasheet
744Kb / 13P
   N-channel 120V 7.9m廓 standard level MOSFET in TO220
logo
NXP Semiconductors
PSMN7R8-120PS PHILIPS-PSMN7R8-120PS_15 Datasheet
273Kb / 13P
   N-channel 120V 7.9m廓 standard level MOSFET in TO220
25 January 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com