Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLL130-0101B2-353M1C5 Datasheet(PDF) 6 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLL130-0101B2-353M1C5
Description  This data sheet is applied to the LED package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLL130-0101B2-353M1C5 Datasheet(HTML) 6 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLL130-0101B2-353M1C5 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101B2-353M1C5 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101B2-353M1C5 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101B2-353M1C5 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101B2-353M1C5 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101B2-353M1C5 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101B2-353M1C5 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101B2-353M1C5 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101B2-353M1C5 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
5. Characteristics
Forward Current vs. Forward Voltage
Forward Current vs. Relative Luminous Flux
Ts=25C
Ts=25C
Forward Current vs. Chromaticity Coordinate
Solder Temperature vs. Chromaticity Coordinate
Ts=25C
IF=50mA
CITIZEN ELECTRONICS CO.,LTD. JAPAN
Symbol
5/13
DATA SHEET
CITILED
Name
CLL130-0101B2-353M1C5
2.60
2.70
2.80
2.90
3.00
3.10
3.20
3.30
0
20
40
60
80
100
IF [mA]
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
200%
0
20
40
60
80
100
IF [mA]
-0.025
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0.025
0
20
40
60
80
100
IF [mA]
Δx
Δy
-0.025
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0.025
0
25
50
75
100
Ts [C]
Δx
Δy
Ref.CE-P2205 03/13 R1(1113)


Similar Part No. - CLL130-0101B2-353M1C5

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL130-0101B2-303M1C5 CITIZEN-CLL130-0101B2-303M1C5 Datasheet
560Kb / 14P
   This data sheet is applied to the LED package
More results

Similar Description - CLL130-0101B2-353M1C5

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL032-1205A5-273H3D2 CITIZEN-CLL032-1205A5-273H3D2 Datasheet
1Mb / 12P
   This data sheet is applied to the LED package
CLL130-0101C1-273M1F2 CITIZEN-CLL130-0101C1-273M1F2 Datasheet
621Kb / 13P
   This data sheet is applied to the LED package
CLL130-0101B2-65AM1C5 CITIZEN-CLL130-0101B2-65AM1C5 Datasheet
490Kb / 14P
   This data sheet is applied to the LED package
CLL032-1206A5-50KL1A1 CITIZEN-CLL032-1206A5-50KL1A1 Datasheet
377Kb / 12P
   This data sheet is applied to the LED package
CLL620-0101B2-65AM1C5 CITIZEN-CLL620-0101B2-65AM1C5 Datasheet
492Kb / 16P
   This data sheet is applied to the LED package
CLL130-0101C1-28GV1J4 CITIZEN-CLL130-0101C1-28GV1J4 Datasheet
670Kb / 14P
   This data sheet is applied to the LED package
CLL032-1212A5-273M1A2 CITIZEN-CLL032-1212A5-273M1A2 Datasheet
384Kb / 12P
   This data sheet is applied to the LED package
CLL032-1208A5-273M1A2 CITIZEN-CLL032-1208A5-273M1A2 Datasheet
383Kb / 12P
   This data sheet is applied to the LED package
CLL032-1206A5-273M1A2 CITIZEN-CLL032-1206A5-273M1A2 Datasheet
383Kb / 12P
   This data sheet is applied to the LED package
CLL032-1206A5-273H3D2 CITIZEN-CLL032-1206A5-273H3D2 Datasheet
851Kb / 12P
   This data sheet is applied to the LED package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com