Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS6X1220R Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FS6X1220R
Description  Fairchild Power Switch (FPS)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FS6X1220R Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FS6X1220R Datasheet HTML 2Page - Fairchild Semiconductor FS6X1220R Datasheet HTML 3Page - Fairchild Semiconductor FS6X1220R Datasheet HTML 4Page - Fairchild Semiconductor FS6X1220R Datasheet HTML 5Page - Fairchild Semiconductor FS6X1220R Datasheet HTML 6Page - Fairchild Semiconductor FS6X1220R Datasheet HTML 7Page - Fairchild Semiconductor FS6X1220R Datasheet HTML 8Page - Fairchild Semiconductor FS6X1220R Datasheet HTML 9Page - Fairchild Semiconductor FS6X1220R Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
FS6X1220R
6
Typical Performance Characteristics
(These Characteristic Graphs are Normalized at Ta= 25
°C)
Figure 1. Start Up Current vs. Temp.
Figure 2. Operating Supply Current vs. Temp.
Figure 3. Start Threshold Voltage vs. Temp.
Figure 4. Stop Threshold Voltage vs. Temp.
Figure 5. Initial Frequency vs. Temp.
Figure 6. Maximum Duty vs. Temp.
50
52
54
56
58
60
-25
0
25
50
75
100
125
150
Temp(℃)
(uA)
9
9.5
10
10.5
11
-25
0
25
50
75
100
125
150
Temp(℃)
[mA]
14.0
14.5
15.0
15.5
16.0
-25
0
25
50
75
100
125
150
Temp(℃)
(V)
8.50
8.75
9.00
9.25
9.50
-25
0
25
50
75
100
125
150
Temp(℃)
(V)
295.0
297.0
299.0
301.0
303.0
305.0
-25
0
25
50
75
100
125
150
Temp(℃)
(KHz)
79
79.5
80
80.5
81
-25
0
25
50
75
100
125
150
Temp(℃)
[%]


Similar Part No. - FS6X1220R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
455Kb / 14P
   Fairchild Power Switch (FPS)
FS6X1220RD FAIRCHILD-FS6X1220RD Datasheet
455Kb / 14P
   Fairchild Power Switch (FPS)
FS6X1220RJ FAIRCHILD-FS6X1220RJ Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
FS6X1220RJX FAIRCHILD-FS6X1220RJX Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
FS6X1220RTYDTU FAIRCHILD-FS6X1220RTYDTU Datasheet
455Kb / 14P
   Fairchild Power Switch (FPS)
More results

Similar Description - FS6X1220R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com