Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS6X1220RTYDTU Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FS6X1220RTYDTU
Description  Fairchild Power Switch (FPS)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FS6X1220RTYDTU Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FS6X1220RTYDTU Datasheet HTML 5Page - Fairchild Semiconductor FS6X1220RTYDTU Datasheet HTML 6Page - Fairchild Semiconductor FS6X1220RTYDTU Datasheet HTML 7Page - Fairchild Semiconductor FS6X1220RTYDTU Datasheet HTML 8Page - Fairchild Semiconductor FS6X1220RTYDTU Datasheet HTML 9Page - Fairchild Semiconductor FS6X1220RTYDTU Datasheet HTML 10Page - Fairchild Semiconductor FS6X1220RTYDTU Datasheet HTML 11Page - Fairchild Semiconductor FS6X1220RTYDTU Datasheet HTML 12Page - Fairchild Semiconductor FS6X1220RTYDTU Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
FS6X1220R
9
3.2 Over Load Protection (OLP) : Overload means that the
load current exceeds a pre-set level due to an abnormal
situation. In this situation, protection circuit should be
activated in order to protect the SMPS. However, even when
the SMPS is in the normal operation, the over load protection
circuit can be activated during the load transition. In order to
avoid this undesired operation, the over load protection
circuit is designed to be activated after a specified period to
determine whether it is a transient situation or an overload
situation. Because of the pulse-by-pulse current limit
capability, the maximum peak current through the SMPS is
limited, and therefore the maximum input power is restricted
with a given input voltage. If the output consumes beyond
this maximum power, the output voltage (Vo) decreases
below the set voltage. This reduces the current through the
opto-coupler diode, which also reduces opto-coupler
transistor current increasing Vfb. If Vfb exceeds 2.6V, D1 is
blocked and the 5
µA current source starts to charge Cfb
slowly compared to when the 0.9mA current source charges
Cfb. In this condition, Vfb continues increasing until it
reaches 7.5V, and the switching operation is terminated at
that time as shown in figure 4. The delay time for shutdown
is the time required to charge Cfb from 2.6V to 7.5V with
5
µA. When Cfb is 10nF (103), T12 is approximately 9.8ms
and when Cfb is 0.1
µF (104), T12 is approximately 98ms.
These values are enough to prevent SMPS from being shut
down during transient situations.
Figure 4. Over load protection
3.3 Over voltage Protection (OVP) : In case of malfunction
in the secondary side feedback circuit, or feedback loop open
caused by a defect of solder, the current through the opto-
coupler transistor becomes almost zero. Then, Vfb climbs up
in a similar manner to the over load situation, forcing the
preset maximum current to be supplied to the secondary side
until the over load protection is activated. Because energy
more than required is provided to the output, the output
voltage may exceed the rated voltage before the over load
protection is activated, resulting in the breakdown of the
devices in the secondary side. In order to prevent this
situation, an over voltage protection (OVP) circuit is
employed. In general, Vcc is proportional to the output
voltage and FS6X1220R uses Vcc instead of directly
monitoring the output voltage. If VCC exceeds 25V, OVP
circuit is activated resulting in termination of switching. In
order to avoid undesired activation of OVP during normal
operation, Vcc should be properly designed to be below 25V.
3.4 Thermal Shutdown (TSD) : The thermal shutdown
circuitry senses the junction temperature. The threshold is set
at 160
°C. When the junction temperature rises above this
threshold (160
°C) the power MOSFET is disabled.
4. The Line UVLO and Sleep Mode
According to the voltage of Line Sense pin, three operation
modes are defined; Normal operation mode, Line under
voltage lock out mode and Sleep mode as shown in figure 5.
When the voltage of this pin is over 2.55V, FS6X1220R
operates in normal mode. When the voltage of this pin is
smaller than 2.55V, it goes into line under voltage lock out
mode terminating switching operation. When the voltage of
this pin is smaller than 1.8V, it enters into sleep mode.
During sleep mode, reference voltage generation circuit
including shunt regulator is disabled and only 300
µA
operation current is required.
Figure 5. Line Sense block
V
FB
t
2.6V
7.5V
Over load protection
T
12= Cfb*(7.5-2.6)/Idelay
T
1
T
2
V
SL
(1.8v)
V
LU
(2.5V)
9V/15V
3
5
Vref
Line UVLO
Enable
Internal
Bias
Vcc good
Line
Sense
Vcc
Vin
R1
R2
Sleep
ON OFF


Similar Part No. - FS6X1220RTYDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FS6X1220RTYDTU FAIRCHILD-FS6X1220RTYDTU Datasheet
455Kb / 14P
   Fairchild Power Switch (FPS)
More results

Similar Description - FS6X1220RTYDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com