Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2301 Datasheet(PDF) 1 Page - ZP Semiconductor

Part # SI2301
Description  P-Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

SI2301 Datasheet(HTML) 1 Page - ZP Semiconductor

  SI2301 Datasheet HTML 1Page - ZP Semiconductor SI2301 Datasheet HTML 2Page - ZP Semiconductor SI2301 Datasheet HTML 3Page - ZP Semiconductor SI2301 Datasheet HTML 4Page - ZP Semiconductor SI2301 Datasheet HTML 5Page - ZP Semiconductor SI2301 Datasheet HTML 6Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
P-Channel Enhancement Mode MOSFET
Feature
-20V/-3A, RDS(ON) = 120mΩ(MAX) @VGS = -4.5V.
RDS(ON) = 150mΩ(MAX) @VGS = -2.5V.
Super High dense cell design for extremely low RDS(ON)
Reliable and Rugged
SOT-23 for Surface Mount Package
SOT-23
Applications
Power Management
Portable Equipment and Battery Powered Systems.
Absolute Maximum Ratings
TA=25 Unless Otherwise noted
Parameter
Symbol
Limit
Units
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±10
V
Drain Current-Continuous
ID
-3
A
Electrical Characteristics
TA=25 Unless Otherwise noted
Parameter
Symbol
Test Conditions
Min
Typ.
Max
Units
Off Characteristics
Drain to Source Breakdown Voltage
BVDSS
VGS=0V, ID=-250μA
-20
-
-
V
Zero-Gate Voltage Drain Current
IDSS
VDS=-20V, VGS=0V
-
-
-1
μA
Gate Body Leakage Current, Forward
IGSSF
VGS=10V, VDS=0V
-
-
100
nA
Gate Body Leakage Current, Reverse
IGSSR
VGS=-10V, VDS=0V
-
-
-100
nA
On Characteristics
Gate Threshold Voltage
VGS(th)
VGS= VDS, ID=-250µA
-0.4
-
-1.0
V
Static Drain-source
On-Resistance
RDS(ON)
VGS =-4.5V, ID =-3.0A
-
--
120
VGS =-2.5V, ID =-2.0A
-
--
150
Drain-Source Diode Characteristics and Maximum Ratings
Drain-Source Diode Forward Voltage
VSD
VGS =0V, IS=-1.25A
-1.2
V
sales@zpsemi.com
www.zpsemi.com
SI2301
1 of 6


Similar Part No. - SI2301

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SI2301 MCC-SI2301 Datasheet
242Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
SI2301 MCC-SI2301 Datasheet
330Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
MAKO SEMICONDUCTOR CO.,...
SI2301 MAKOSEMI-SI2301 Datasheet
109Kb / 3P
   High dense cell design for extremely low RDS(ON)
logo
GUANGDONG HOTTECH INDUS...
SI2301 HOTTECH-SI2301 Datasheet
289Kb / 3P
   Plastic-Encapsulate Mosfets
logo
Foshan Blue Rocket Elec...
SI2301 FOSHAN-SI2301 Datasheet
728Kb / 6P
   P- CHANNEL MOSFET in a SOT-23 Plastic Package
More results

Similar Description - SI2301

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com