Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL-270 Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-270
Description  Mono-Color Side-Lighting Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-270 Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CL-270_12 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
60
● ● ● ● ● ● ● ● ● ●
CITIZEN ELECTRONICS CO., LTD. JAPAN 2012.7
側面発光・単色タイプ
CL-270 Series
●外形寸法図 Outline drawing
単位 Unit : mm
推奨はんだ付けパターン
The following soldering patterns are recommended for
reflow-soldering:
●絶対最大定格 Absolute Maximum Rating
(Ta 25℃)
Pd
IF
IFP
VR
Top
Tst
Product code
(mW)
(mA)
(mA)
(V)
(℃)
(℃)
CL-270
50
20
100※1
5
−25∼+80
−30∼+85
CL-270UR/HR
78
30
※1 IFPの条件はduty 1/10 、パルス巾30msecです。
※1 Conditions for IFP are pulse of 1/10 duty and 30msec width.
(
UR,HRを除く)
Except UR and HR
Product code
Color variation
VF
λd
Δλ
IV※
IF
typ
max
typ
typ
IF
min
typ
(mA)
(V)
(V)
(nm)
(nm)
(mA) (mcd) (mcd)
●電気的光学的特性 Electro-optical Characteristics
(Ta 25℃)
CL-270R
Red
20
2.2
2.6
645
100
20
0.5
1.3
CL-270D
Orange
20
2.2
2.6
600
40
20
2.4
7.1
CL-270Y
Yellow
20
2.1
2.6
589
40
20
2.6
6.4
CL-270YG
Yellow green
20
2.2
2.6
575
30
20
5
18
CL-270G
Green
20
2.2
2.6
570
26
20
2.5
10
CL-270FG
Fresh green
20
2.2
2.6
567
26
20
2.2
6.5
CL-270PG
Pure green
20
2.2
2.6
559
24
20
1
3
CL-270SR
20
2
2.6
640
40
20
1.5
4.3
CL-270SD
20
2
2.6
620
40
20
2
6.2
CL-270UR
20
1.8
2.6
650
20
20
3.5
13
CL-270HR
20
1.8
2.6
640
20
20
5
23
※NIST規格に準拠
※Per NIST standards
Super
brightness red
Super brightness
orange
Ultra
brightness red
High
brightness red
※UR,HRの場合
※For UR and HR
(0.3)
0.6
1.15
0.68
LED die
Cathode mark
Resin
LED
素子
カソードマーク
Soldering terminal
はんだ付け電極
樹脂
Polarity
極性
PCB
基板
1.2
リフローはんだ用
For reflow soldering
HR
120
20
40
60
80
100
50
°
60
°
70
°
80
°
90
°
50
°
60
°
70
°
80
°
90
°
40
°
30
°
20
° 10° 0° 10° 20° 30°
40
°
指向特性
Directive Characteristics
全機種共通
Common to
all colors
Iv-Ta 特性
Iv-Ta Characteristics
500
200
100
50
20
- 20
0
20
40
60
80
100
T a (°C)
SD
UR/HR
SR
Iv-Ta 特性
Iv-Ta Characteristics
500
200
100
50
20
- 20
0
20
40
60
80
100
T a (°C)
T a (°C)
- 20
0
20
40
60
80
100
2.6
2.4
2.2
2.0
1.6
1.8
VF-Ta 特性
VF-Ta Characteristics
SD
UR/HR
SR
T a (°C)
- 20
0
20
40
60
80
100
2.6
2.4
2.2
2.0
1.6
1.8
VF-Ta 特性
VF-Ta Characteristics
T a (°C)
1
2
5
10
20
50
1.6
1.8
2.0
2.2
2.4
2.6
50
20
10
5
1
2
0.5
IF(
mA)
VF(V)
Iv-IF 特性
Iv-IF Characteristics
SD
UR
SR
1
2
5
10
20
50
50
20
10
5
1
2
0.5
IF(
mA)
Iv-IF 特性
Iv-IF Characteristics
50
20
10
5
1
2
100
IF-VF 特性
IF-VF Characteristics
SD
UR/HR
SR
1.6
1.8
2.0
2.2
2.4
2.6
VF(V)
50
20
10
5
1
2
100
IF-VF 特性
IF-VF Characteristics
- 20
0
20
40
60
80
100
30
25
20
15
5
10
IFmax-Ta 特性
IFmax-Ta Characteristics
CL-270UR•HR
CL-270シリーズ
CL-270Series
YG/G/FG/PG
Y
D
R
YG/G/FG/PG
Y
D
R
Y/FG
YG
PG
D
G
R
R/YG/G/FG
Y
D
PG
0
■ 諸特性 Characteristics
Mono-Color Side-Lighting Type
CL-270 Series
1.6(L)×1.15(W)×0.6(H)mm
● 小型のチップLEDです。
● Compact chip LED
発光色のラインアップにつきましては、発注時にお問い
合わせの上、ご確認ください。
Please contact us at the time of order for the lineup of
luminescent colors.


Similar Part No. - CL-270_12

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-270B1-CD-T CITIZEN-CL-270B1-CD-T Datasheet
345Kb / 8P
   Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
CL-270B1-XD-T CITIZEN-CL-270B1-XD-T Datasheet
345Kb / 8P
   Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
CL-270G1-CD-T CITIZEN-CL-270G1-CD-T Datasheet
345Kb / 8P
   Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
CL-270G1-XD-T CITIZEN-CL-270G1-XD-T Datasheet
345Kb / 8P
   Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
More results

Similar Description - CL-270_12

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-432F CITIZEN-CL-432F Datasheet
393Kb / 1P
   Mono-Color Side-Lighting Type
CL-270 CITIZEN-CL-270 Datasheet
503Kb / 1P
   Mono-Color Side-Lighting Type
CL-435F CITIZEN-CL-435F Datasheet
399Kb / 1P
   Mono-Color Side-Lighting Type
CL-Z482T CITIZEN-CL-Z482T Datasheet
86Kb / 1P
   Mono-Color Side-Lighting Type
CL-430F CITIZEN-CL-430F Datasheet
394Kb / 1P
   Mono-Color Side-Lighting Type
CL-434F CITIZEN-CL-434F Datasheet
437Kb / 1P
   Mono-Color Side-Lighting Type
CL-Z482S CITIZEN-CL-Z482S Datasheet
390Kb / 1P
   Mono-Color Side-Lighting Type
CL-840S CITIZEN-CL-840S_12 Datasheet
90Kb / 1P
   Mono-Color Side-Lighting Type
CL-482T CITIZEN-CL-482T_12 Datasheet
83Kb / 1P
   Mono-Color Side-Lighting Type
CL-830S CITIZEN-CL-830S_12 Datasheet
82Kb / 1P
   Mono-Color Side-Lighting Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com