Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL-196FG Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-196FG
Description  Mono-Color Upward-Lighting Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-196FG Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CL-196FG Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
46
● ● ● ● ● ● ● ● ● ●
CITIZEN ELECTRONICS CO., LTD. JAPAN 2012.7
上面発光・単色タイプ
CL-196 Series
Mono-Color Upward-Lighting Type
CL-196 Series
●絶対最大定格 Absolute Maximum Rating
(Ta 25℃)
Pd
IF
IFP
VR
Top
Tst
Product code
(mW)
(mA)
(mA)
(V)
(℃)
(℃)
※1 IFPの条件はduty 1/10 、パルス巾30msecです。
※1 Conditions for IFP are pulse of 1/10 duty and 30msec width.
(
UR,HRを除く)
Except UR and HR
Product code
Color variation
VF
λd
Δλ
IV※
IF
typ
max
typ
typ
IF
min
typ
(mA)
(V)
(V)
(nm)
(nm)
(mA) (mcd) (mcd)
●電気的光学的特性 Electro-optical Characteristics
(Ta 25℃)
CL-196R
Red
20
2.2
2.6
645
100
20
0.5
1.3
CL-196D
Orange
20
2.2
2.6
600
40
20
2.4
7.1
CL-196Y
Yellow
20
2.1
2.6
589
40
20
2.6
6.4
CL-196YG
Yellow green
20
2.2
2.6
575
30
20
5
18
CL-196G
Green
20
2.2
2.6
570
26
20
2.5
10
CL-196FG
Fresh green
20
2.2
2.6
566
26
20
2.2
6.5
CL-196PG
Pure green
20
2.2
2.6
559
24
20
1
3
CL-196SR
20
2
2.6
640
40
20
1.5
4.3
CL-196SD
20
2
2.6
620
40
20
2
6.2
CL-196UR
20
1.8
2.6
650
20
20
3.5
13
CL-196HR
20
1.8
2.6
640
20
20
5
23
※NIST規格に準拠
※Per NIST standards
Super
brightness red
Super brightness
orange
Ultra
brightness red
High
brightness red
●外形寸法図 Outline drawing
単位 Unit : mm
推奨はんだ付けパターン
The following soldering patterns are recommended for
reflow-soldering:
0.8
(0.18)
(0.4)
0.6
LED 素子
基板
樹脂
LED die
PCB
※UR•HRの場合
※For UR and HR
カソードマーク
Cathode mark
はんだ付け電極
極性
Polarity
Soldering terminal
Resin
リフローはんだ用
For reflow soldering
0.8
HR
120
20
40
60
80
100
50
°
60
°
70
°
80
°
90
°
50
°
60
°
70
°
80
°
90
°
40
°
30
°
20
° 10°
0
°
10
° 20°
30
°
40
°
指向特性
Directive Characteristics
全機種共通
Common to
all colors
Iv-Ta 特性
Iv-Ta Characteristics
500
200
100
50
20
- 20
0
20
40
60
80
100
T a (°C)
SD
UR/HR
SR
Iv-Ta 特性
Iv-Ta Characteristics
500
200
100
50
20
- 20
0
20
40
60
80
100
T a (°C)
T a (°C)
- 20
0
20
40
60
80
100
2.6
2.4
2.2
2.0
1.6
1.8
VF-Ta 特性
VF-Ta Characteristics
SD
UR/HR
SR
T a (°C)
- 20
0
20
40
60
80
100
2.6
2.4
2.2
2.0
1.6
1.8
VF-Ta 特性
VF-Ta Characteristics
T a (°C)
1
2
5
10
20
50
1.6
1.8
2.0
2.2
2.4
2.6
50
20
10
5
1
2
0.5
IF(
mA)
VF(V)
Iv-IF 特性
Iv-IF Characteristics
SD
UR
SR
1
2
5
10
20
50
50
20
10
5
1
2
0.5
IF(
mA)
Iv-IF 特性
Iv-IF Characteristics
50
20
10
5
1
2
100
IF-VF 特性
IF-VF Characteristics
SD
UR/HR
SR
1.6
1.8
2.0
2.2
2.4
2.6
VF(V)
50
20
10
5
1
2
100
IF-VF 特性
IF-VF Characteristics
- 20
0
20
40
60
80
100
30
25
20
15
5
10
IFmax-Ta 特性
IFmax-Ta Characteristics
CL-196UR•HR
CL-196シリーズ
CL-196Series
YG/G/FG/PG
Y
D
R
YG/G/FG/PG
Y
D
R
Y/FG
YG
PG
D
G
R
R/YG/G/FG
Y
D
PG
0
■ 諸特性 Characteristics
1.6(L)×0.8(W)×0.6(H)mm
● CL-190の厚み
(0.8mm)
をさらに薄くした
小型チップLEDです。
● Compact chip LED even thinner than CL-190
(0.8mm thick).
発光色のラインアップにつきましては、発注時にお問い
合わせの上、ご確認ください。
Please contact us at the time of order for the lineup of
luminescent colors.
CL-196
50
20
100※1
5
−25∼+80
−30∼+85
CL-196UR/HR
78
30


Similar Part No. - CL-196FG

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-196FG CITIZEN-CL-196FG Datasheet
505Kb / 1P
   Mono-Color Upward-Lighting Type
CL-196FG-CD-T CITIZEN-CL-196FG-CD-T Datasheet
345Kb / 8P
   Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
CL-196FG-XD-T CITIZEN-CL-196FG-XD-T Datasheet
345Kb / 8P
   Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
More results

Similar Description - CL-196FG

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-197 CITIZEN-CL-197 Datasheet
454Kb / 1P
   Mono-Color Upward-Lighting Type
CL-260 CITIZEN-CL-260 Datasheet
508Kb / 1P
   Mono-Color Upward-Lighting Type
CL-195 CITIZEN-CL-195 Datasheet
503Kb / 1P
   Mono-Color Upward-Lighting Type
CL-196 CITIZEN-CL-196 Datasheet
505Kb / 1P
   Mono-Color Upward-Lighting Type
CL-190 CITIZEN-CL-190 Datasheet
502Kb / 1P
   Mono-Color Upward-Lighting Type
CL-198T CITIZEN-CL-198T_12 Datasheet
79Kb / 1P
   Mono-Color Upward-Lighting Type
CL-198N CITIZEN-CL-198N Datasheet
84Kb / 1P
   Mono-Color Upward-Lighting Type
CL-198S CITIZEN-CL-198S Datasheet
388Kb / 1P
   Mono-Color Upward-Lighting Type
CL-282S CITIZEN-CL-282S Datasheet
387Kb / 1P
   Mono-Color Upward-Lighting Type
CL-191 CITIZEN-CL-191 Datasheet
504Kb / 1P
   Mono-Color Upward-Lighting Type
CL-A100 CITIZEN-CL-A100 Datasheet
96Kb / 2P
   Mono-Color Upward-Lighting Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com