Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2371 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2371
Description  LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2371 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2371 Datasheet HTML 3Page - Texas Instruments TPS2371 Datasheet HTML 4Page - Texas Instruments TPS2371 Datasheet HTML 5Page - Texas Instruments TPS2371 Datasheet HTML 6Page - Texas Instruments TPS2371 Datasheet HTML 7Page - Texas Instruments TPS2371 Datasheet HTML 8Page - Texas Instruments TPS2371 Datasheet HTML 9Page - Texas Instruments TPS2371 Datasheet HTML 10Page - Texas Instruments TPS2371 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TPS2371
SLUS566A − JULY 2003 − REVISED NOVEMBER 2003
7
www.ti.com
STATE DIAGRAM
YES
NO
YES
NO
DETECTION
VDD < 10 V
IDD = VDD/(RDET) || 1 MΩ
Switch Resistance > 100 M
CLASSIFICATION
10 V < VDD < 22 V
IDD ≅ 10 V/(RCLASS)
Switch Resistance > 100 M
INRUSH MODE
VDD > 36 V (rising edge)
VRTN > 1.5 V
IRET = IINRUSH = 450 mA − (25 kΩ/RLIM) x (1 A)
Switch Resistance
≈ 100 Ω
NORMAL OPERATION
VDD > 30 V
(IRET = ILOAD) < 450 mA
Switch Resistance
≈ 0.3 Ω
OVERLOAD/FAULT
VDD > 30 V
IRET = 450 mA
Switch Resistance
≈ 100 Ω
TJ < 145 _C?
THERMAL SHUTDOWN
VDD > 30 V
IDD < 1 mA
Switch Resistance > 100 M
TSD
Count < 7?
LATCH OFF
VDD > 30 V
IDD < 1 mA
Switch Resistance
> 100
M
MACHINE STATE
0
50
Classification
(Falling Edge)
44
57
UVLO ON
(Rising Edge)
2
4
6
8
10
15
20
30.5
25
35
UVLO OFF
Detection
(RLOAD =25kΩ)
Normal Operation
(IDD = 450 mA)


Similar Part No. - TPS2371

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2371 TI-TPS2371 Datasheet
283Kb / 14P
[Old version datasheet]   LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
TPS2371D TI-TPS2371D Datasheet
283Kb / 14P
[Old version datasheet]   LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
TPS2371PW TI-TPS2371PW Datasheet
283Kb / 14P
[Old version datasheet]   LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
More results

Similar Description - TPS2371

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2371 TI-TPS2371 Datasheet
283Kb / 14P
[Old version datasheet]   LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
TPS2370 TI-TPS2370 Datasheet
212Kb / 13P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
TPS2370 TI1-TPS2370_16 Datasheet
1Mb / 19P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
logo
SL Power Electronics
PW180KB SLPOWER-PW180KB Datasheet
270Kb / 2P
   Power over Ethernet IEEE802.3af Compliant
logo
Maxim Integrated Produc...
MAX5942A MAXIM-MAX5942A_V01 Datasheet
461Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
2004
MAX5942A MAXIM-MAX5942A Datasheet
465Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
logo
XP Power Limited
POE XPPOWER-POE Datasheet
164Kb / 2P
   Power Over Ethernet Compatible
logo
Maxim Integrated Produc...
MAX5941A MAXIM-MAX5941A Datasheet
453Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
MAX5941A MAXIM-MAX5941A_06 Datasheet
372Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 4; 6/06
logo
Phihong USA Inc.
POE29U-1AF PHIHONG-POE29U-1AF Datasheet
239Kb / 3P
   20W Single Port Power over Ethernet Midspan IEEE802.3AF Compliant Power Injector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com