Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2370 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2370
Description  IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2370 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2370 Datasheet HTML 1Page - Texas Instruments TPS2370 Datasheet HTML 2Page - Texas Instruments TPS2370 Datasheet HTML 3Page - Texas Instruments TPS2370 Datasheet HTML 4Page - Texas Instruments TPS2370 Datasheet HTML 5Page - Texas Instruments TPS2370 Datasheet HTML 6Page - Texas Instruments TPS2370 Datasheet HTML 7Page - Texas Instruments TPS2370 Datasheet HTML 8Page - Texas Instruments TPS2370 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TPS2370
SLUS537C − AUGUST 2002 − REVISED MARCH 2004
IEEE 802.3af POWER INTERFACE SWITCH FOR
POWER OVER ETHERNET (PoE) POWERED DEVICES
FEATURES
D Integrated Power Interface Switch for IEEE
802.3af Powered Devices (PDs)
D Provides PD Detection Signature
D Provides PD Classification Signature
(Class 0−4)
D Programmable Inrush Current Limit
D Internal 0.3-Ω Low-Side FET
D Interfaces to DC/DC Soft-Start for DC/DC
Enable
D Internal Thermal Protection – Disconnects PD
Load
D Minimal External Parts Count
D 8-Pin SOIC, 8-Pin TSSOP Packages
APPLICATIONS
D VoIP Phones
D Internet Appliances
D Wireless LAN Access Points
D Bluetooth Access Points
DESCRIPTION
Acting as an interface between the power sourcing
equipment (PSE) and the powered device (PD), the
TPS2370 performs all detection, classification, inrush
current limiting, and switch FET control that is
necessary for compliance with the IEEE 802.3af
Standard. An internal 0.3-
Ω FET provides maximum
power delivery. As an additional feature, the TPS2370
interfaces with the enable/soft-start signal of a dc-to-dc
converter, eliminating the need to have an accurate
UVLO in the dc-to-dc converter.
At low input voltages (1.8 V to 10 V), the TPS2370
draws less than 12
µA, allowing accurate sensing of the
external 24.9-k
Ω discovery resistor. At input voltages
between 15 V and 20 V, an external resistor sets the
level of current to be drawn during classification mode.
TPS2370 is compatible with current as well as voltage
measurement schemes for classification. Above 20-V
input, the classification current is shut off, reducing
internal power dissipation.
The TPS2370 drives an internal low-side FET for
control of the return side of the power path. The internal
FET is turned on when the input voltage reaches 40 V
and above. When the input voltage decreases, the FET
remains on until the input voltage drops to below 30 V.
TYPICAL APPLICATION
3
1
2
4
5
TPS2370
6
DC/DC
Converter/
Controller
8
Ethernet
Appliance
VREG
44 V
TO
57 V
V+
V−
SMAJ54A
24.9 k
W
RLIM
CSS
CDCDCIN
RCLASS
UDG−03057
0.1
mf
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
PowerPAD
 is a trademark of Texas Instruments. Bluetooth is a trademark of Bluetooth SIC, Inc.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002 − 2004, Texas Instruments Incorporated


Similar Part No. - TPS2370

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2370 TI-TPS2370 Datasheet
212Kb / 13P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
logo
Pulse A Technitrol Comp...
TPS2370 PULSE-TPS2370 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Texas Instruments
TPS2370D TI-TPS2370D Datasheet
212Kb / 13P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
TPS2370PW TI-TPS2370PW Datasheet
212Kb / 13P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
More results

Similar Description - TPS2370

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2370 TI-TPS2370 Datasheet
212Kb / 13P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
logo
Maxim Integrated Produc...
MAX5942A MAXIM-MAX5942A Datasheet
465Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
MAX5941A MAXIM-MAX5941A Datasheet
453Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
MAX5941A MAXIM-MAX5941A_06 Datasheet
372Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 4; 6/06
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Texas Instruments
TPS2371 TI-TPS2371 Datasheet
283Kb / 14P
[Old version datasheet]   LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com