Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2421-1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2421-1
Description  5-A, 20-V Integrated FET Hot Swap
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2421-1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2421-1_16 Datasheet HTML 1Page - Texas Instruments TPS2421-1_16 Datasheet HTML 2Page - Texas Instruments TPS2421-1_16 Datasheet HTML 3Page - Texas Instruments TPS2421-1_16 Datasheet HTML 4Page - Texas Instruments TPS2421-1_16 Datasheet HTML 5Page - Texas Instruments TPS2421-1_16 Datasheet HTML 6Page - Texas Instruments TPS2421-1_16 Datasheet HTML 7Page - Texas Instruments TPS2421-1_16 Datasheet HTML 8Page - Texas Instruments TPS2421-1_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
CT
VOUT
VIN
EN
FLT
PG
ISET
GND
C
LOAD
3
7
2
4
5
6
1
8
VIN
VOUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS2421-1, TPS2421-2
SLUS907I – JANUARY 2009 – REVISED JANUARY 2015
TPS242x 5-A, 20-V Integrated FET Hot Swap
1
1 Features
1
Integrated Pass MOSFET
Up to 20-V Bus Operation
Programmable Fault Current
Current Limit Proportionally Larger than Fault
Current
Programmable Fault Timer
Internal MOSFET Power Limiting
Latch-Off on Fault (TPS2421-1) and Retry
(TPS2421-2) Versions
SO-8 PowerPad™ Package
–40°C to 125°C Junction Temperature Range
UL2367 Recognized - File Number E169910
2 Applications
RAID Arrays
Telecommunications
Plug-In Circuit Boards
Disk Drives
SSDs
PCIE
Fan Control
3 Description
The TPS2421 device provides highly integrated hot
swap power management and superior protection in
applications where the load is powered by busses up
to 20 V. The TPS2421 device is well suited to
standard bus voltages as low as 3.3 V because of the
maximum-UV turn-on threshold of 2.9 V. These
devices are very effective in systems where a voltage
bus must be protected to prevent shorts from
interrupting or damaging the unit. The TPS2421
device is an easy to use devices in an 8-pin
PowerPad™ SO-8 package.
The TPS2421 device has multiple programmable
protection features. Load protection is accomplished
by a non-current limiting fault threshold, a hard
current limit, and a fault timer. The current dual
thresholds allow the system to draw short high
current pulses, while the fault timer is running, without
causing a voltage droop at the load. An example of
this is a disk drive startup. This technique is ideal for
loads that experience brief high demand, but benefit
from protection levels in-line with their average
current draw.
Hotswap MOSFET protection is provided by power
limit circuitry which protects the internal MOSFET
against SOA related failures.
The TPS2421 device is available in latch-off on fault
(TPS2421-1) and retry on fault (TPS2421-2).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS2421-1
HSOP (8)
4.89mm x 3.90mm
TPS2421-2
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Typical Application


Similar Part No. - TPS2421-1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2421-1DDA TI-TPS2421-1DDA Datasheet
1Mb / 22P
[Old version datasheet]   3-V to 20-V Integrated FET Hot Swap
More results

Similar Description - TPS2421-1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2421-1 TI-TPS2421-1 Datasheet
1Mb / 22P
[Old version datasheet]   3-V to 20-V Integrated FET Hot Swap
TPS2420 TI1-TPS2420 Datasheet
1Mb / 29P
[Old version datasheet]   3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
TPS2420RSAT TI-TPS2420RSAT Datasheet
1Mb / 29P
[Old version datasheet]   3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
logo
Maxim Integrated Produc...
MAX15096 MAXIM-MAX15096 Datasheet
678Kb / 15P
   Integrated Hot-Swap/Electronic
Rev 0; 3/14
logo
Linear Technology
LTC4219 LINER-LTC4219 Datasheet
203Kb / 16P
   5A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217 Datasheet
185Kb / 18P
   2A Integrated Hot Swap Controller
LTC4232 LINER-LTC4232_15 Datasheet
738Kb / 16P
   5A Integrated Hot Swap Controller
LTC4232-1 LINER-LTC4232-1_15 Datasheet
564Kb / 16P
   5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_15 Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com