Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2482 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2482
Description  36-V Hotswap Controller with Precision I2C Power Monitoring
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2482 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2482 Datasheet HTML 1Page - Texas Instruments TPS2482 Datasheet HTML 2Page - Texas Instruments TPS2482 Datasheet HTML 3Page - Texas Instruments TPS2482 Datasheet HTML 4Page - Texas Instruments TPS2482 Datasheet HTML 5Page - Texas Instruments TPS2482 Datasheet HTML 6Page - Texas Instruments TPS2482 Datasheet HTML 7Page - Texas Instruments TPS2482 Datasheet HTML 8Page - Texas Instruments TPS2482 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
TPS2482
TPS2483
SLUSAW1 A – DECEMBER 2012 – REVISED MARCH 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (Hotswap Section)
Unless otherwise noted, minimum and maximum limits apply across the recommended operating junction temperature and
voltage ranges, typical specifications are at TJ = 25°C, VVCC = 48 V, VPROG = 2 V, VTIMER = 0 V, all outputs unloaded. Voltages
are with respect to GND and positive currents are into pins.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Hotswap Supply (VCC)
Hotswap section enabled
VEN = Hi, VSENSE = VVCC, VOUT = VVCC
450
1000
IVCC
μA
Hotswap section disabled
VEN = Lo, VSENSE = VVCC, VOUT = 0 V
90
250
UVLO turn-on threshold
VCC rising
8.4
8.8
V
UVLO turn-off threshold
VCC falling
7.2
8.3
UVLO threshold hysteresis
75
mV
Current Sense Input (SENSE)
ISENSE
Input bias current
VSENSE = VVCC, VOUT = VVCC
7.5
20
μA
Reference Voltage Output (VREF)
VVREF
Reference voltage
0 mA < IVREF < 1 mA
3.9
4
4.1
V
Power Limiting Input (PROG)
Input bias current; device
IPROG
0 V < VPROG < 4 V, VEN = 48 V
5
μA
enabled; sourcing or sinking
Pulldown resistance; device
RPROG
IPROG = 200 μA, VEN = 0 V
375
600
disabled
Power Limiting and Current Limiting (SENSE)
Current-sense threshold
[VPROG = 2.4 V and VOUT = 0 V] or
VCL_PL
V(VCC-SENSE), with power-limit
17
25
33
[VPROG = 0.9 V and VOUT = 30 V]
active
mV
Current-sense threshold
VCL
V(VCC-SENSE), with power-limit
VPROG = 4 V, VOUT = VSENSE
45
50
55
inactive
Response time, from large
VPROG = 4 V, VOUT = VSENSE, C(GATE-OUT) = 2 nF,
tF_TRIP
1.2
μs
overload to GATE low
V(VCC-SENSE) = 0 V → 200 mV, V(GATE-OUT) = 1 V
Timer Operation (TIMER)
VTIMER = 0 V
15
25
34
ISOURCE
Charge current (sourcing)
VTIMER = 0 V, TJ = 25°C
20
25
30
μA
VTIMER = 5 V
1.5
2.5
3.7
ISINK
Discharge current (sinking)
VTIMER = 5 V, TJ = 25°C
2.1
2.5
3.1
TIMER upper threshold
VTMRHI
3.9
4.0
4.1
voltage
V
TIMER lower threshold
VTMRLO
TPS2483 only
0.96
1.0
1.04
voltage
DRETRY
Fault retry duty-cycle
TPS2483 only
0.5%
0.75%
1%
Gate Drive Output (GATE)
IGATE
GATE sourcing current
VEN = Hi, VSENSE = VVCC, V(GATE-OUT) = 7 V
15
22
35
μA
VEN = Lo, VGATE = VVCC
1.8
2.4
2.8
GATE sinking current
mA
VEN = Hi, VGATE = VVCC, V(VCC-SENSE) = 200 mV
75
125
250
VGATE-OUT GATE output voltage
VGATE with respect to VOUT
12
16
V
Propagation delay: EN going
VEN = 0 V → 2.5 V (tRISE < 0.1 μs), 50% of VEN to
tD_ON
25
40
true to GATE output high
50% of VGATE, VOUT = VVCC, R(GATE-OUT) = 1 MΩ
Propagation delay: EN going
VEN = 2.5 V → 0 V (tFALL < 0.1 μs), 50% of VEN to
tD_OFF
0.5
1
false to GATE output low
50% of VGATE, VOUT = VVCC, R(GATE-OUT) = 1 MΩ
μs
VTIMER = 0 V → 5 V (tRISE < 0.1 μs), 50% of
Propagation delay: TIMER
VTIMER to 50% of VGATE, VOUT = VVCC, R(GATE-OUT)
0.8
1
expires to GATE output low
= 1 M
Ω
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS2482 TPS2483


Similar Part No. - TPS2482

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2482 TI-TPS2482 Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
TPS2482PW TI-TPS2482PW Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
TPS2482PWR TI-TPS2482PWR Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
More results

Similar Description - TPS2482

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2482 TI-TPS2482 Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
LM5066 TI1-LM5066_16 Datasheet
2Mb / 65P
[Old version datasheet]   Hotswap Controller With I/V/P Monitoring and PMBus Interface
logo
Linear Technology
LTC4280 LINER-LTC4280 Datasheet
292Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-3 LINER-LTC4215CUFD-3 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280_15 Datasheet
296Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215 Datasheet
350Kb / 24P
   Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com