Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2554 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS2554
Description  Precision Adjustable Current-Limited, Power-Distribution Switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2554 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2554_16 Datasheet HTML 5Page - Texas Instruments TPS2554_16 Datasheet HTML 6Page - Texas Instruments TPS2554_16 Datasheet HTML 7Page - Texas Instruments TPS2554_16 Datasheet HTML 8Page - Texas Instruments TPS2554_16 Datasheet HTML 9Page - Texas Instruments TPS2554_16 Datasheet HTML 10Page - Texas Instruments TPS2554_16 Datasheet HTML 11Page - Texas Instruments TPS2554_16 Datasheet HTML 12Page - Texas Instruments TPS2554_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
0.0
1.0
2.0
3.0
3.5
Output
Voltage
Enable
(TPS2554)
Time (ms)
Input
Current
CIN= 100 nF; COUT = 150 µF; RILIM = 20 kΩ
0
0.2
1.8
2
1
0.6
1.4
0.4
1.2
0.8
1.6
-40
-20
0
60
80
100
120
T
J - Junction Temperature - °C
40
20
140
0
10
20
30
40
50
60
70
80
90
100
0.0
2.0
4.0
6.0
8.0
10.0
0.0
2.0
4.0
6.0
8.0
10.0
Input
Voltage
Time (ms)
Input
Current
RILIM = 20 kΩ
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
2.0
4.0
6.0
8.0
10.0
0.0
2.0
4.0
6.0
8.0
10.0
Input Voltage
Time (ms)
Output
Current
RILIM = 20 kΩ
TPS2554
TPS2555
www.ti.com
SLVSAM0
– JUNE 2011
TYPICAL CHARACTERISTICS (continued)
EN Threshold Falling
vs
Response to a Short Circuit
Temperature
(following assertion of enable)
Figure 12.
Figure 13.
Response to a Short Circuit
Response to a Short Circuit
(apply input voltage with output shorted)
(apply input voltage with output shorted)
Figure 14.
Figure 15.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS2554 TPS2555


Similar Part No. - TPS2554_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2554DRCR TI1-TPS2554DRCR Datasheet
1Mb / 23P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2554DRCT TI1-TPS2554DRCT Datasheet
1Mb / 23P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
More results

Similar Description - TPS2554_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI1-TPS2552_17 Datasheet
1Mb / 38P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com