Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2561AQDRCTQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2561AQDRCTQ1
Description  Dual Channel Precision Automotive Adjustable Current-Limited Power Switches
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2561AQDRCTQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2561AQDRCTQ1 Datasheet HTML 2Page - Texas Instruments TPS2561AQDRCTQ1 Datasheet HTML 3Page - Texas Instruments TPS2561AQDRCTQ1 Datasheet HTML 4Page - Texas Instruments TPS2561AQDRCTQ1 Datasheet HTML 5Page - Texas Instruments TPS2561AQDRCTQ1 Datasheet HTML 6Page - Texas Instruments TPS2561AQDRCTQ1 Datasheet HTML 7Page - Texas Instruments TPS2561AQDRCTQ1 Datasheet HTML 8Page - Texas Instruments TPS2561AQDRCTQ1 Datasheet HTML 9Page - Texas Instruments TPS2561AQDRCTQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
0
10
20
30
40
50
60
T -JunctionTemperature-°C
J
-50
0
50
100
150
70
0
0.1
0.2
0.3
0.4
0.5
0.6
0
50
100
150
200
V
- V
- mV/div
IN
OUT
T
= 125°C
A
T
= 25°C
A
T
= -40°C
A
0
120
20
40
60
80
100
T - Junction Temperature - °C
J
-50
0
50
100
150
V
= 6.5 V
IN
V
= 5 V
IN
V
= 3.3 V
IN
V
= 2.5 V
IN
60
Input Voltage - V
2
3
4
5
6
120
70
80
90
100
110
T = 25°C
J
7
T = 125°C
J
T = -40°C
J
2.29
T -JunctionTemperature-°C
J
-50
0
50
100
150
2.335
2.295
2.3
2.305
2.31
2.315
2.32
2.325
2.33
UVLORising
UVLOFalling
700
-100
0
100
200
300
400
500
600
T -JunctionTemperature-°C
J
-50
0
50
100
150
V
=2.5V
IN
V
=6.5V
IN
TPS2561A-Q1
SLVSCC6A – MARCH 2014 – REVISED JUNE 2014
www.ti.com
7.6 Typical Characteristics
Figure 2. IIN – Supply Current, Output Disabled – nA
Figure 1. UVLO – Undervoltage Lockout – V
RLIM = 20 kΩ
RLIM = 20 kΩ
Figure 3. IIN – Supply Current, Output Enabled – µA
Figure 4. IIN – Supply Current, Output Enabled – µA
RLIM = 100 kΩ
Figure 6. Switch Current Vs. Drain-Source Voltage Across
Figure 5. MOSFET rDS(on) Vs. Junction Temperature
Switch
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS2561A-Q1


Similar Part No. - TPS2561AQDRCTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2561A TI1-TPS2561A Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel Precision Adjustable Current-Limited Power Switches
TPS2561A-Q1 TI1-TPS2561A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Automotive Adjustable Current-Limited Power-Distribution Switches
TPS2561ADRC TI1-TPS2561ADRC Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel Precision Adjustable Current-Limited Power Switches
TPS2561ADRCR TI1-TPS2561ADRCR Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel Precision Adjustable Current-Limited Power Switches
TPS2561ADRCT TI1-TPS2561ADRCT Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel Precision Adjustable Current-Limited Power Switches
More results

Similar Description - TPS2561AQDRCTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2560 TI1-TPS2560_15 Datasheet
1Mb / 29P
[Old version datasheet]   Dual Channel Precision Adjustable Current-limited Power Switches
TPS2560 TI-TPS2560 Datasheet
895Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560_1002 TI-TPS2560_1002 Datasheet
873Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560A TI1-TPS2560A Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel Precision Adjustable Current-Limited Power Switches
TPS2556-Q1 TI1-TPS2556-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Automotive Adjustable Current-Limited Power-Distribution Switches
logo
Diodes Incorporated
AP22652 DIODES-AP22652 Datasheet
817Kb / 16P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
September 2021
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com