Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2592AADRCR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2592AADRCR
Description  12-V eFuse with Over Voltage Protection and Blocking FET Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2592AADRCR Datasheet(HTML) 5 Page - Texas Instruments

  TPS2592AADRCR Datasheet HTML 1Page - Texas Instruments TPS2592AADRCR Datasheet HTML 2Page - Texas Instruments TPS2592AADRCR Datasheet HTML 3Page - Texas Instruments TPS2592AADRCR Datasheet HTML 4Page - Texas Instruments TPS2592AADRCR Datasheet HTML 5Page - Texas Instruments TPS2592AADRCR Datasheet HTML 6Page - Texas Instruments TPS2592AADRCR Datasheet HTML 7Page - Texas Instruments TPS2592AADRCR Datasheet HTML 8Page - Texas Instruments TPS2592AADRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Not Recommended for New Designs
TPS2592AA, TPS2592AL
www.ti.com
SLVSC11C – JUNE 2013 – REVISED DECEMBER 2014
8 Specifications
8.1
Absolute Maximum Ratings
over operating temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VIN
–0.3
20
Supply voltage range(1)
V
VIN (10ms Transient)
22
OUT
–0.3
VIN + 0.3
V
Output voltage
OUT (Transient < 1 µs)
-1.2
V
ILIM
–0.3
7
EN/UVLO
–0.3
7
Voltage
V
dV/dT
–0.3
7
BFET
–0.3
30
Continuous power dissipation
See the Thermal Information
TA = –40°C to +85°C
40
Maximum power dissipation(3),
W
PD = (VIN-VOUT)*ILIMIT
TA = 0°C to +85°C
50
Storage temperature range, Tstg
-65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any conditions beyond those indicated under recommended operating conditions
is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground terminal.
(3)
Refer detailed explanation in the application section Maximum Device Power Dissipation Considerations .
8.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.3
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VIN
4.5
12
13.8
BFET
0
VIN+6
Input voltage range
V
dV/dT, EN/UVLO
0
6
ILIM
0
3.3
TA = –40°C to +85°C
0
2.8
Continuous output current
IOUT
A
TA = 0°C to +85°C
0
3.4
TA = –40°C to +85°C
10
80.6
Resistance
ILIM
k
Ω
TA = 0°C to +85°C
10
100
OUT
0.1
1
1000
µF
External capacitance
dV/dT
1
1000
nF
Operating junction temperature range, TJ
–40
25
125
°C
Operating Ambient temperature range, TA
–40
25
85
°C
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS2592AA TPS2592AL


Similar Part No. - TPS2592AADRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2592AADRCR TI-TPS2592AADRCR Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
More results

Similar Description - TPS2592AADRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2592BA TI1-TPS2592BA Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
[Old version datasheet]   12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
logo
Alpha & Omega Semicondu...
AOZ18101DI-01 AOSMD-AOZ18101DI-01 Datasheet
1Mb / 14P
   14 V 20 mΩ Over-Voltage Protection eFuse with Built-in or External Control Blocking FET
Rev. 1.1 August 2022
logo
Texas Instruments
TPS259270 TI1-TPS259270 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18-V eFuse with Blocking FET Control
TPS2592ZA TI1-TPS2592ZA Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V eFuse with Blocking FET Control
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
   18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
logo
Littelfuse
LS0505EVD22 LITTELFUSE-LS0505EVD22 Datasheet
788Kb / 7P
   5 V, 5 A eFuse with Over Voltage and Over Current Protection
GD. 09/20/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com