Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2514DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2514DBVT
Description  USB Dedicated Charging Port Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2514DBVT Datasheet(HTML) 2 Page - Texas Instruments

  TPS2514DBVT Datasheet HTML 1Page - Texas Instruments TPS2514DBVT Datasheet HTML 2Page - Texas Instruments TPS2514DBVT Datasheet HTML 3Page - Texas Instruments TPS2514DBVT Datasheet HTML 4Page - Texas Instruments TPS2514DBVT Datasheet HTML 5Page - Texas Instruments TPS2514DBVT Datasheet HTML 6Page - Texas Instruments TPS2514DBVT Datasheet HTML 7Page - Texas Instruments TPS2514DBVT Datasheet HTML 8Page - Texas Instruments TPS2514DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TPS2513, TPS2513A
TPS2514, TPS2514A
SLVSBY8B – MAY 2013 – REVISED SEPTEMBER 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or see the TI web site at www.ti.com.
Table 1. Product Information
CHARGING SCHEMES (DCP_AUTO)
1.2V mode
BC1.2 and YD/T
NUMBER OF
DEVICE
(D+/D- shorted and
1591-2009 mode
Divider 1
Divider 2
Divider 3
CONTROLLER
bias to 1.2V)
(D+/D- shorted)
(D+/D- = 2V/2.7V)
(D+/D- = 2.7V/2V)
(D+/D- = 2.7V/2.7V)
TPS2513
Dual
Yes
(1)
Yes
No
TPS2514
Single
Yes
(1)
Yes
No
Yes
Yes
TPS2513A
Dula
No
No
Yes
TPS2514A
Single
No
No
Yes
(1)
See to Figure 14.
ABSOLUTE MAXIMUM RATINGS
(1)
Over recommended junction temperature range, voltages are referenced to GND (unless otherwise noted)
MIN
MAX
UNIT
IN
–0.3
7
Voltage range
DP1, DP2 output voltage, DM1, DM2 output voltage
–0.3
5.8
V
DP1, DP2 input voltage, DM1, DM2 input voltage
–0.3
5.8
Continuous output sink current
DP1, DP2 input current, DM1, DM2 input current
35
mA
Continuous output source
DP1, DP2 output current, DM1, DM2 output current
35
mA
current
IN
2
Human Body Model
kV
(HBM)
ESD rating
DP1, DP2, DM1, DM2
6
Charging Device Model (CDM)
500
V
Operating Junction Temperature TJ
–40
125
°C
Storage Temperature Range
Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
THERMAL METRIC(1)
DBV (6 PINS)
UNITS
θJA
Junction-to-ambient thermal resistance
179.9
θJCtop
Junction-to-case (top) thermal resistance
117.5
θJB
Junction-to-board thermal resistance
41.9
°C/W
ψJT
Junction-to-top characterization parameter
17.2
ψJB
Junction-to-board characterization parameter
41.5
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
spacer
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS2513 TPS2513A TPS2514 TPS2514A


Similar Part No. - TPS2514DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2514DBVT TI1-TPS2514DBVT Datasheet
1Mb / 16P
[Old version datasheet]   USB Dedicated Charging Port Controller
More results

Similar Description - TPS2514DBVT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1523 HMSEMI-HM1523 Datasheet
553Kb / 10P
   USB dedicated charging port controller
HM1521 HMSEMI-HM1521 Datasheet
483Kb / 11P
   USB dedicated charging port controller
logo
Diodes Incorporated
TPS2513A DIODES-TPS2513A Datasheet
1Mb / 20P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2513 TI1-TPS2513 Datasheet
1Mb / 16P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7104 UPI-UP7104 Datasheet
586Kb / 11P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2513A-Q1 TI1-TPS2513A-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7103 UPI-UP7103 Datasheet
86Kb / 9P
   USB Dedicated Charging Port Controller
UP7102 UPI-UP7102 Datasheet
97Kb / 9P
   USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1522 HMSEMI-HM1522 Datasheet
571Kb / 11P
   USB dedicated charging port controller
logo
SHANGHAI BELLING CO., L...
BL2513A BELLING-BL2513A Datasheet
524Kb / 12P
   USB dedicated charging port (DCP) controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com