Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2244 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2244
Description  MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2244 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA2244 Datasheet HTML 2Page - Texas Instruments OPA2244 Datasheet HTML 3Page - Texas Instruments OPA2244 Datasheet HTML 4Page - Texas Instruments OPA2244 Datasheet HTML 5Page - Texas Instruments OPA2244 Datasheet HTML 6Page - Texas Instruments OPA2244 Datasheet HTML 7Page - Texas Instruments OPA2244 Datasheet HTML 8Page - Texas Instruments OPA2244 Datasheet HTML 9Page - Texas Instruments OPA2244 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
®
OPA244, 2244, 4244
TYPICAL PERFORMANCE CURVES
At TA = 25°C, VS = +15V, and RL = 20kΩ connected to Ground, unless otherwise noted.
180
160
140
120
100
80
60
40
20
0
–20
OPEN-LOOP GAIN AND PHASE vs FREQUENCY
1
Frequency (Hz)
10
100
1k
10k
100k
1M
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
All Models
Gain
Phase
160
150
140
130
120
110
100
90
80
70
60
CHANNEL SEPARATION
1
10
100
1k
10k
100k
OPA4244
Frequency (Hz)
OPA2244
OPA244
Frequency (Hz)
110
100
90
80
70
60
50
40
30
10
100
1k
10k
100k
1M
PSRR
OPA2244
OPA244
CMRR
120
110
100
90
80
70
60
1
10
100
OPEN-LOOP GAIN vs LOAD RESISTANCE
Load (k
Ω)
V
O = ±5V
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
15
14
13
12
11
10
–10
–11
–12
–13
–14
–15
0
±2
±4
±6
±8
±10
±14
±12
Output Current (mA)
25
°C
125
°C
–55
°C
–55
°C
125
°C
25
°C
R
L to VS/2
POWER SUPPLY AND COMMON-MODE REJECTION vs FREQUENCY
1
10
100
1k
10k
100k
1M
Frequency (Hz)
120
110
100
90
80
70
60
50
40
30
OPA4244
CMRR
PSRR


Similar Part No. - OPA2244

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2244 BURR-BROWN-OPA2244 Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA2244EA BURR-BROWN-OPA2244EA Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA2244EA/250 BURR-BROWN-OPA2244EA/250 Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA2244EA/2K5 BURR-BROWN-OPA2244EA/2K5 Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
National Semiconductor ...
OPA2244EA250 NSC-OPA2244EA250 Datasheet
1Mb / 26P
   MicroPower, Single-Supply MicroPower, Single-Supply MicroAmplifier ??Series
More results

Similar Description - OPA2244

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2241PAG4 TI-OPA2241PAG4 Datasheet
985Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA251 BURR-BROWN-OPA251 Datasheet
217Kb / 12P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA251 NSC-OPA251 Datasheet
1,005Kb / 21P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2251UA-2K5G4 TI-OPA2251UA-2K5G4 Datasheet
1,004Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
OPA241 TI1-OPA241 Datasheet
1Mb / 23P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com