Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2592BADRCT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2592BADRCT
Description  5-V eFuse with Over Voltage Protection and Blocking FET Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2592BADRCT Datasheet(HTML) 2 Page - Texas Instruments

  TPS2592BADRCT Datasheet HTML 1Page - Texas Instruments TPS2592BADRCT Datasheet HTML 2Page - Texas Instruments TPS2592BADRCT Datasheet HTML 3Page - Texas Instruments TPS2592BADRCT Datasheet HTML 4Page - Texas Instruments TPS2592BADRCT Datasheet HTML 5Page - Texas Instruments TPS2592BADRCT Datasheet HTML 6Page - Texas Instruments TPS2592BADRCT Datasheet HTML 7Page - Texas Instruments TPS2592BADRCT Datasheet HTML 8Page - Texas Instruments TPS2592BADRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Not Recommended for New Designs
TPS2592BA, TPS2592BL
SLVSCU2 – DECEMBER 2014
www.ti.com
Table of Contents
9.4
Device Functional Modes........................................ 16
1
Features .................................................................. 1
10
Application and Implementation........................ 17
2
Applications ........................................................... 1
10.1
Application Information.......................................... 17
3
Description ............................................................. 1
10.2
Typical Applications ............................................. 17
4
Application Schematic .......................................... 1
10.3
Maximum Device Power Dissipation
5
Revision History..................................................... 2
Considerations ......................................................... 23
6
Device Comparison Table..................................... 3
11
Power Supply Recommendations ..................... 24
7
Pin Configuration and Functions ......................... 3
11.1
Transient Protection .............................................. 24
8
Specifications......................................................... 4
11.2
Output Short-Circuit Measurements ..................... 24
8.1
Absolute Maximum Ratings ..................................... 4
12
Layout................................................................... 25
8.2
ESD Ratings ............................................................ 4
12.1
Layout Guidelines ................................................. 25
8.3
Recommended Operating Conditions...................... 4
12.2
Layout Example .................................................... 25
8.4
Thermal Information ................................................. 5
13
Device and Documentation Support ................. 26
8.5
Electrical Characteristics.......................................... 5
13.1
Device Support .................................................... 26
8.6
Timing Requirements ............................................... 6
13.2
Related Links ........................................................ 26
8.7
Typical Characteristics .............................................. 7
13.3
Trademarks ........................................................... 26
9
Detailed Description ............................................ 13
13.4
Electrostatic Discharge Caution ............................ 26
9.1
Overview ................................................................. 13
13.5
Glossary ................................................................ 26
9.2
Functional Block Diagram ....................................... 13
14
Mechanical, Packaging, and Orderable
9.3
Feature Description................................................. 13
Information ........................................................... 26
5 Revision History
DATE
REVISION
NOTES
December 2014
*
Initial release
2
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS2592BA TPS2592BL


Similar Part No. - TPS2592BADRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2592BA TI-TPS2592BA Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
More results

Similar Description - TPS2592BADRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2592AA TI1-TPS2592AA Datasheet
1Mb / 34P
[Old version datasheet]   12-V eFuse with Over Voltage Protection and Blocking FET Control
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
[Old version datasheet]   12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
LS0505EVD22 LITTELFUSE-LS0505EVD22 Datasheet
788Kb / 7P
   5 V, 5 A eFuse with Over Voltage and Over Current Protection
GD. 09/20/22
logo
Alpha & Omega Semicondu...
AOZ18101DI-01 AOSMD-AOZ18101DI-01 Datasheet
1Mb / 14P
   14 V 20 mΩ Over-Voltage Protection eFuse with Built-in or External Control Blocking FET
Rev. 1.1 August 2022
logo
Texas Instruments
TPS259270 TI1-TPS259270 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18-V eFuse with Blocking FET Control
TPS2592ZA TI1-TPS2592ZA Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V eFuse with Blocking FET Control
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
   18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com