Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1518AAB Datasheet(PDF) 5 Page - Vishay Siliconix

Part # LH1518AAB
Description  1 Form A Solid State Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1518AAB Datasheet(HTML) 5 Page - Vishay Siliconix

  LH1518AAB Datasheet HTML 1Page - Vishay Siliconix LH1518AAB Datasheet HTML 2Page - Vishay Siliconix LH1518AAB Datasheet HTML 3Page - Vishay Siliconix LH1518AAB Datasheet HTML 4Page - Vishay Siliconix LH1518AAB Datasheet HTML 5Page - Vishay Siliconix LH1518AAB Datasheet HTML 6Page - Vishay Siliconix LH1518AAB Datasheet HTML 7Page - Vishay Siliconix LH1518AAB Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VISHAY
LH1518AAB/ AABTR/ AT
Document Number 83816
Rev. 1.2, 08-Mar-04
Vishay Semiconductors
www.vishay.com
5
Fig. 11 Insertion Loss vs. Frequency
Fig. 12 Output Isolation
Fig. 13 Switch Capacitance vs. Applied Voltage
0.00
0.05
0.10
0.15
0.20
0.25
Frequency ( Hz )
17310
RL = 600
100
1000
10000
100000
0
20
40
60
80
100
120
Frequency ( Hz )
17311
RL = 50
VP = 10 V
1000
10000
100000
1000000
0
20
40
60
80
100
0
20406080
100
Applied Voltage ( V )
17312
IF = 0
Fig. 14 Leakage Current vs. Applied Voltage
Fig. 15 Switch Offset Voltage vs. LED Current
Fig. 16 Switch Offset Voltage vs. Temperature
0
50
100
150
200
250
Load Voltage ( V )
17313
IF = 0
T = 85 C
T = 25 C
T = 70 C
T = 50 C
1
10
100
1000
0.1
0.3
0.4
0.5
0.6
0.7
0.8
0
5
10
15
20
25
LED Current ( mA )
17314
0.0
0.5
1.0
1.5
2.0
2.5
3.0
25
35
45
55
65
75
85
Temperature ( C )
17315
IF = 5 mA


Similar Part No. - LH1518AAB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1518AAB VISHAY-LH1518AAB Datasheet
162Kb / 8P
   1 Form A Solid State Relay
Rev. 1.5, 17-Mar-11
LH1518AAB VISHAY-LH1518AAB Datasheet
163Kb / 8P
   1 Form A Solid State Relay
Rev. 1.5, 17-Mar-11
LH1518AAB VISHAY-LH1518AAB Datasheet
197Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
Rev. 1.6, 05-Jul-2018
LH1518AAB VISHAY-LH1518AAB Datasheet
196Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
LH1518AAB VISHAY-LH1518AAB Datasheet
197Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
More results

Similar Description - LH1518AAB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
   1 Form A Solid-State Relay
01-Jan-2022
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
   1 Form A Solid State Relay
Rev. 1.5, 26-Oct-04
logo
Solid State Optronic
S742-X SSOUSA-S742-X Datasheet
167Kb / 4P
   1 Form A Solid State Relay
AD8C111-L SSOUSA-AD8C111-L Datasheet
165Kb / 4P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com