Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2592BLDRCT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2592BLDRCT
Description  5-V eFuse with Over Voltage Protection and Blocking FET Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2592BLDRCT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2592BLDRCT Datasheet HTML 2Page - Texas Instruments TPS2592BLDRCT Datasheet HTML 3Page - Texas Instruments TPS2592BLDRCT Datasheet HTML 4Page - Texas Instruments TPS2592BLDRCT Datasheet HTML 5Page - Texas Instruments TPS2592BLDRCT Datasheet HTML 6Page - Texas Instruments TPS2592BLDRCT Datasheet HTML 7Page - Texas Instruments TPS2592BLDRCT Datasheet HTML 8Page - Texas Instruments TPS2592BLDRCT Datasheet HTML 9Page - Texas Instruments TPS2592BLDRCT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Not Recommended for New Designs
TPS2592BA, TPS2592BL
SLVSCU2 – DECEMBER 2014
www.ti.com
Electrical Characteristics (continued)
–40°C
≤ TJ ≤ 125°C, VIN = 5 V, VEN /UVLO = 2 V, RILIM = 100 kΩ, CdVdT = OPEN. All voltages referenced to GND (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUT (PASS FET OUTPUT)
TJ = 25°C
21
28
33
RDS(on)
FET ON resistance
m
Ω
TJ = 125°C
39
46
IOUT-OFF-LKG
VEN/UVLO = 0 V, VOUT = 0 V (Sourcing)
–5
0
1
OUT Bias current in off state
µA
IOUT-OFF-SINK
VEN/UVLO = 0V, VOUT = 300 mV (Sinking)
10
15
20
BFET (BLOCKING FET GATE DRIVER)
IBFET
BFET Charging current(1)
VBFET = VOUT
2
µA
VVIN +
VBFETmax
BFET Clamp voltage(1)
V
6.4
BFET Discharging resistance to
RBFETdisch
VEN/UVLO = 0 V, IBFET = 100 mA
15
26
36
Ω
GND
TSD (THERMAL SHUT DOWN)
TSHDN
TSD Threshold, rising(1)
160
°C
TSHDNhyst
TSD Hysteresis(1)
10
°C
TPS2592BL
LATCHED
Thermal fault: latched or autoretry
TPS2592BA
AUTO-RETRY
8.6 Timing Requirements
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EN/UVLO
→ H to IVIN = 100 mA, 1-A resistive load at
TON
Turn-on delay(1)
220
µs
OUT
tOFFdly
Turn Off delay(2)
EN
↓ to BFET↓, CBFET = 0
0.4
µs
dV/dT (OUTPUT RAMP CONTROL)
EN/UVLO
→ H to OUT = 4.9 V, CdVdT = 0
0.28
0.4
0.52
tdVdT
Output ramp time
ms
EN/UVLO
→ H to OUT = 4.9 V,
5
CdVdT = 1 nF
(2)
ILIM (CURRENT LIMIT PROGRAMMING)
tFastOffDly
Fast-Trip comparator delay(2)
IOUT > IFASTRIP to IOUT= 0 (Switch Off)
3
µs
BFET (BLOCKING FET GATE DRIVER)
EN/UVLO
→ H to VBFET = 12 V, CBFET = 1 nF
4.2
tBFET-ON
BFET Turn-On duration(2)
ms
EN/UVLO
→ H to VBFET = 12 V, CBFET = 10 nF
42
EN/UVLO
→ L to VBFET = 1 V, CBFET = 1 nF
0.4
tBFET-OFF
BFET Turn-Off duration(2)
µs
EN/UVLO
→ L to VBFET = 1 V, CBFET = 10 nF
1.4
(1)
These parameters are provided for reference only and do not constitute part of TI's published device specifications for purposes of TI's
product warranty.
(2)
These parameters are provided for reference only and do not constitute part of TI's published device specifications for purposes of TI's
product warranty.
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS2592BA TPS2592BL


Similar Part No. - TPS2592BLDRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2592BLDRCT TI-TPS2592BLDRCT Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
More results

Similar Description - TPS2592BLDRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2592AA TI1-TPS2592AA Datasheet
1Mb / 34P
[Old version datasheet]   12-V eFuse with Over Voltage Protection and Blocking FET Control
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
[Old version datasheet]   12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
LS0505EVD22 LITTELFUSE-LS0505EVD22 Datasheet
788Kb / 7P
   5 V, 5 A eFuse with Over Voltage and Over Current Protection
GD. 09/20/22
logo
Alpha & Omega Semicondu...
AOZ18101DI-01 AOSMD-AOZ18101DI-01 Datasheet
1Mb / 14P
   14 V 20 mΩ Over-Voltage Protection eFuse with Built-in or External Control Blocking FET
Rev. 1.1 August 2022
logo
Texas Instruments
TPS259270 TI1-TPS259270 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18-V eFuse with Blocking FET Control
TPS2592ZA TI1-TPS2592ZA Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V eFuse with Blocking FET Control
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
   18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com