Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA355 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA355
Description  200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA355 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA355_15 Datasheet HTML 6Page - Texas Instruments OPA355_15 Datasheet HTML 7Page - Texas Instruments OPA355_15 Datasheet HTML 8Page - Texas Instruments OPA355_15 Datasheet HTML 9Page - Texas Instruments OPA355_15 Datasheet HTML 10Page - Texas Instruments OPA355_15 Datasheet HTML 11Page - Texas Instruments OPA355_15 Datasheet HTML 12Page - Texas Instruments OPA355_15 Datasheet HTML 13Page - Texas Instruments OPA355_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
OPA355, 2355, 3355
SBOS195D
10
www.ti.com
APPLICATIONS INFORMATION
The OPA355 series is a CMOS, high-speed, voltage-feed-
back, operational amplifier designed for video and other
general-purpose applications. It is available as a single, dual,
or triple op amp.
The amplifier features a 200MHz gain bandwidth and
360V/
µs slew rate, but it is unity-gain stable and can be
operated as a +1V/V voltage follower.
Its input common-mode voltage range includes ground, al-
lowing the OPA355 to be used in virtually any single-supply
application up to a supply voltage of +5.5V.
PCB LAYOUT
Good high-frequency PC board layout techniques should be
employed for the OPA355. Generous use of ground planes,
short direct signal traces, and a suitable bypass capacitor
located at the V+ pin will assure clean, stable operation.
Large areas of copper also provide a means of dissipating
heat that is generated within the amplifier in normal opera-
tion.
Sockets are definitely not recommended for use with any
high-speed amplifier.
A 10nF ceramic bypass capacitor is the minimum recom-
mended value; adding a 1
µF or larger tantalum capacitor in
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = 5V, G = +2, RF = 604Ω, and RL = 150Ω connected to VS/2, unless otherwise noted.
CHANNEL-TO-CHANNEL CROSSTALK
Frequency (Hz)
10M
1M
100M
100k
0
–20
–40
–60
–80
–100
–120
OPA3355
(triple)
OPA2355
(dual)
parallel can be beneficial when driving a low-resistance load.
Providing adequate bypass capacitance is essential to achiev-
ing very low harmonic and intermodulation distortion.
OPERATING VOLTAGE
The OPA355 is specified over a power-supply range of +2.7V
to +5.5V (
±1.35V to ±2.75V). However, the supply voltage
may range from +2.5V to +5.5V (
±1.25V to ±2.75V). Supply
voltages higher than 7.5V (absolute maximum) can perma-
nently damage the amplifier.
Parameters that vary significantly over supply voltage or
temperature are shown in the Typical Characteristics section
of this data sheet.
ENABLE FUNCTION
The OPA355 can be enabled by applying a TTL HIGH
voltage level to the Enable pin. Conversely, a TTL LOW
voltage level will disable the amplifier, reducing its supply
current from 8.3mA to only 3.4
µA per amplifier. This pin
voltage is referenced to single-supply ground. When using a
split-supply, such as
±2.5V, the enable/disable voltage levels
will be referenced to V–. Independent Enable pins are
available for each channel, providing maximum design flex-
ibility. For portable battery-operated applications, this feature
can be used to greatly reduce the average current and
thereby extend battery life.


Similar Part No. - OPA355_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA355-Q1 TI-OPA355-Q1 Datasheet
383Kb / 18P
[Old version datasheet]   200-MHz CMOS Operational Amplifier With Shutdown
OPA355NA TI1-OPA355NA Datasheet
823Kb / 24P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355NA TI-OPA355NA Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355NA250 TI-OPA355NA250 Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355NA250 TI-OPA355NA250 Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results

Similar Description - OPA355_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA355NA TI1-OPA355NA Datasheet
823Kb / 24P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355UA TI-OPA355UA Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355NA TI-OPA355NA Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI-OPA355 Datasheet
538Kb / 18P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA356 TI-OPA356_07 Datasheet
323Kb / 19P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER
OPA322 TI1-OPA322_16 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Operational Amplifier with Shutdown
logo
Burr-Brown (TI)
OPA356 BURR-BROWN-OPA356 Datasheet
263Kb / 13P
   200MHz, CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA322-Q1 TI1-OPA322-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Operational Amplifier With Shutdown
OPA355-Q1 TI-OPA355-Q1 Datasheet
383Kb / 18P
[Old version datasheet]   200-MHz CMOS Operational Amplifier With Shutdown
logo
SG Micro Corp
SGM8924A SGMICRO-SGM8924A Datasheet
293Kb / 8P
   Operational Amplifier with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com