Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA354AIDBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA354AIDBVR
Description  250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA354AIDBVR Datasheet(HTML) 3 Page - Texas Instruments

  OPA354AIDBVR Datasheet HTML 1Page - Texas Instruments OPA354AIDBVR Datasheet HTML 2Page - Texas Instruments OPA354AIDBVR Datasheet HTML 3Page - Texas Instruments OPA354AIDBVR Datasheet HTML 4Page - Texas Instruments OPA354AIDBVR Datasheet HTML 5Page - Texas Instruments OPA354AIDBVR Datasheet HTML 6Page - Texas Instruments OPA354AIDBVR Datasheet HTML 7Page - Texas Instruments OPA354AIDBVR Datasheet HTML 8Page - Texas Instruments OPA354AIDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
1
2
3
4
8
7
6
5
NC
(1)
NC
(1)
NC
(1)
-In
+In
V-
Out
V+
-
In
+In
V
-
Out
V+
1
2
3
5
4
3
OPA354, OPA2354, OPA4354
www.ti.com
SBOS233F – MARCH 2002 – REVISED JUNE 2016
Product Folder Links: OPA354 OPA2354 OPA4354
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
5 Device Comparison Table
FEATURES
PRODUCT
Shutdown Version of OPA354 Family
OPAx357
200-MHz GBW, Rail-to-Rail Output, CMOS, Shutdown
OPAx355
200-MHz GBW, Rail-to-Rail Output, CMOS
OPAx356
38-MHz GBW, Rail-to-Rail Input/Output, CMOS
OPAx350/OPAx353
75-MHz BW G = 2, Rail-to-Rail Output
OPA2631
150-MHz BW G = 2, Rail-to-Rail Output
OPA2634
100-MHz BW, Differential Input/Output, 3.3-V Supply
THS412x
6 Pin Configuration and Functions
OPA354: DBV Package
5-Pin SOT-23
Top View
OPA354: DDA Package
8-Pin HSOP(2)
Top View
(1)
NC means no internal connection.
PowerPAD must be connected to V
− or left
floating.
Pin Functions: OPA354
PIN
I/O
DESCRIPTION
NAME
SOT-23
HSOP
–In
4
2
I
Inverting input
+In
3
3
I
Noninverting input
NC
1, 5, 8
No internal connection (can be left floating)
Out
1
6
O
Output
V–
2
4
Negative (lowest) supply
V+
5
7
Positive (highest) supply


Similar Part No. - OPA354AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA354AIDBVR TI-OPA354AIDBVR Datasheet
511Kb / 23P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA354AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354-Q1 TI-OPA354-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA4354-Q1 TI-OPA4354-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com